Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M803 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2M803 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Insulation Strip Length
CONTACT SIZE
STRIP LENGTH
23
0.150 (3.81)
20
0.188 (2.54)
20HD
0.150 (3.81)
16
0.188 (2.54)
12
0.188 (2.54)
Mating Life
2000 cycles; 2M803 aluminum 250 cycles
Salt Spray
Plating C & M: 48-hours
Plating MT, NF, ZN, ZNU, UCR: 500-hours
Fungus
Fungus inert
Vibration
37g
Gunfire Virbration
No disconintuity greater than 1 microseconds; no cracking, breaking or
loosening of parts, plug shall not disengage from receptacle.
Connectors meet electrical requirements after vibration test.
Shock
300 G, half-sine, 3ms, 3 axes
EMI-Shieleding Effectiveness 55 dB min from 100 MHz to 1000 MHz
Contact Type
Crimp, solder or printed circuit
Number of Contacts
1 to 130
Contact Retention
CONTACT SIZE
MIN. POUNDS
MIN. NEWTONS
23
6
27
20
15
67
20HD
9
40
16
25
111
12
25
111
Contact Seperation Force
CONTACT SIZE
MIN. OUNCES
MIN. NEWTONS
23
0.5
0.14
20
0.7
0.19
20HD
0.7
0.19
16
2.0
0.56
12
3.0
0.83
Coupling Torque
SHELL SIZE
INCH / POUNDS
5, 6, 7
8
8, 9
9
10
12
12, 13
16
14, 15
28
16, 17
24
21
32
Polarization
Dual-Start ACME Thread coupling, 3 keyways with optional keyway
rotations, note insert remained fixed.
All dimensions in inches (millimeters in parenthesis)
TECHNICAL
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com