Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M803 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button 2M803 Datasheet HTML 19Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 20Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 21Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 22Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
2M801 ACCESSORIES
SQUARE FLANGED GASKETS
SHELL
SIZE
PART NUMBER
A BSC.
B DIA.
C TYP.
D DIA.
E RAD.
FLUOROSILICONE
VITON®
CONDUCTIVE
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
5
2M809-108F11
2M809-108V11 2M809-108X11 0.363 9.22
0.342
8.69
0.530
13.46
0.093
2.36
0.078
1.98
6
2M809-108F12
2M809-108V12 2M809-108X12 0.423 10.74 0.405 10.29 0.590
14.99
0.093
2.36
0.078
1.98
7
2M809-108F13
2M809-108V13 2M809-108X13 0.483 12.27 0.467 11.86 0.650
16.51
0.093
2.36
0.078
1.98
8
2M809-108F14
2M809-108V14 2M809-108X14 0.542 13.84 0.530 13.46 0.712
18.08
0.093
2.36
0.078
1.98
9
2M809-108F16
2M809-108V16 2M809-108X16 0.719 15.42 0.560 14.22 0.850
21.59
0.125
3.18
0.105
2.67
10
2M809-108F15
2M809-108V15 2M809-108X15 0.719 17.02 0.655 16.64 0.890
22.61
0.125
3.18
0.105
2.67
13
2M809-108F17
2M809-108V17 2M809-108X17 0.812 20.62 0.842 21.39 1.030
26.16
0.125
3.18
0.105
2.67
16
2M809-108F18
2M809-108V18 2M809-108X18 0.981 24.92 1.030 26.16 1.219
30.96
0.125
3.18
0.105
2.67
17
2M809-108F19
2M809-108V19 2M809-108X19 1.060 26.92 1.092 27.74 1.280
32.51
0.125
3.18
0.105
2.67
21
2M809-108F43
2M809-108V43 2M809-108X43 1.322 33.58 1.332 33.83 1.570
39.88
0.125
3.18
0.105
2.67
C
TYP
A
BSC
B DIA.
.032
E RAD
D DIA.
SHRINK BOOTS FOR INTEGRAL ENDBELL
STRAIGHT BOOT
CABLE RANGE
RIGHT ANGLE BOOT
CABLE RANGE
BOOT
SIZE
SHELL
SIZE
HIGH-PERFORMANCE
ELASTOMER
ZERO-HALOGEN
MAX.
MIN.
MAX.
MIN.
STRAIGHT
RIGHT
ANGLE
STRAIGHT
RIGHT ANGLE
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
1
5
2M809S060-1 2M809A060-1 2M809S060-1H 2M809A060-1H * 0.350
9.0
0.080
2.0
0.240
6.0
0.080
2.0
2
6, 7
2M809S060-2 2M809A060-2 2M809S060-2H 2M809A060-2H 0.650 16.5 0.150
3.8
0.650 16.5 0.100
2.5
3
8, 9
2M809S060-3 2M809A060-3 2M809S060-3H 2M809A060-3H 0.920 23.4 0.220
5.6
0.920 23.3 0.220
5.6
4
10, 13
2M809S060-4 2M809A060-4 2M809S060-4H 2M809A060-4H 1.120 28.4 0.260
6.6
1.120 28.5 0.250
6.3
5
16, 17
2M809S060-5 2M809A060-5 2M809S060-5H 2M809A060-5H 1.220 31.0 0.280
7.1
1.220 30.9 0.280
7.1
6
21
2M809S060-6 2M809A060-6 2M809S060-6H 2M809A060-6H 1.680 42.7 0.390
9.9
1.680 42.6 0.380
9.7
High Performance Elastomer
Pre-Coated with high-tempature adhesive
• Operating temperature -94 F to +302 F (-70 C to +150 C)
• Rated for 3000 hours of continous operation at +302 F (+150 C)
• Excellent resistance to fuels, oils, and solvents
• Spec VG95343 Part 6
Zero-Halogen
Low-Smoke, Zero-Halogen Toxicity Requirements
• Meets U.S. and E.U. standards
• Pre-coated with high-tempature adhesive
• Operating temperature -22 F to +257 F (-30 C to +125 C)
• Good resistance to fuels, oils, and solvents
• Spec NAVSEA 5617649
A MIN.
D
G
F
H
E
B
C
* Size 1 Zero-halogen right-angle supplied less lip, see graphic
B
C
E
G
H
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com