Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M803 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 2M803 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 28Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 29Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 30Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
332
2M805 ACCESSORIES
SQUARE FLANGED GASKETS
SHELL
SIZE
PART NUMBER
A BSC.
B DIA.
C TYP.
D DIA.
E RAD.
FLUOROSILICONE
VITON®
CONDUCTIVE
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
8
2M809-108F20
2M809-108V20 2M809-108X20 0.660 16.76 0.530 13.46 0.850
21.46
0.093
2.36
0.078
1.98
9
2M809-108F21
2M809-108V21 2M809-108X21 0.723 18.36 0.590 14.99 0.913
23.19
0.093
2.36
0.078
1.98
10
2M809-108F22
2M809-108V22 2M809-108X22 0.785 19.94 0.660 16.76 0.975
24.77
0.093
2.36
0.078
1.98
11
2M809-108F23
2M809-108V23 2M809-108X23 0.848 21.54 0.720 18.29 1.039
26.39
0.093
2.36
0.078
1.98
12
2M809-108F24
2M809-108V24 2M809-108X24 0.909 23.09 0.780 19.81 1.099
27.91
0.093
2.36
0.078
1.98
15
2M809-108F25
2M809-108V25 2M809-108X25 1.058 26.87 0.970 24.64 1.288
32.72
0.125
3.18
0.105
2.67
18
2M809-108F26
2M809-108V26 2M809-108X26 1.255 31.88 1.160 29.46 1.475
37.47
0.125
3.18
0.105
2.67
19
2M809-108F27
2M809-108V27 2M809-108X27 1.327 33.71 1.220 30.99 1.537
39.04
0.125
3.18
0.105
2.67
21
2M809-108F43
2M809-108V43 2M809-108X43 1.322 33.58 1.332 33.83 1.570
39.88
0.125
3.18
0.105
2.67
23
2M809-108F28
2M809-108V28 2M809-108X28 1.570 39.88 1.458 37.03 1.797
45.64
0.125
3.18
0.105
2.67
C
TYP
A
BSC
B DIA.
.032
E RAD
D DIA.
SHRINK BOOTS FOR INTEGRAL ENDBELL
STRAIGHT BOOT
CABLE RANGE
RIGHT ANGLE BOOT
CABLE RANGE
BOOT
SIZE
SHELL
SIZE
HIGH-PERFORMANCE
ELASTOMER
ZERO-HALOGEN
MAX.
MIN.
MAX.
MIN.
STRAIGHT
RIGHT
ANGLE
STRAIGHT
RIGHT ANGLE
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
2
8, 9
2M809S060-2 2M809A060-2 2M809S060-2H 2M809A060-2H 0.650 16.5 0.150
3.8
0.650 16.5 0.100
2.5
3
10,11
2M809S060-3 2M809A060-3 2M809S060-3H 2M809A060-3H 0.920 23.4 0.220
5.6
0.920 23.3 0.220
5.6
4
12,15
2M809S060-4 2M809A060-4 2M809S060-4H 2M809A060-4H 1.120 28.4 0.260
6.6
1.120 28.5 0.250
6.3
5
18,19
2M809S060-5 2M809A060-5 2M809S060-5H 2M809A060-5H 1.220 31.0 0.280
7.1
1.220 30.9 0.280
7.1
6
23
2M809S060-6 2M809A060-6 2M809S060-6H 2M809A060-6H 1.680 42.7 0.390
9.9
1.680 42.7 0.380
9.7
High-Performance Elastomer
Pre-Coated with Hiegh-Tempature Adhesive
• Operating temperature -94 F to +302 F (-70 C to +150 C)
• Rated for 3000 hours of continous operation at +302 F (+150 C)
• Excellent resistance to fuels, oils, and solvents
• Spec VG95343 Part 6
Zero-Halogen
Low-Smoke, Zero-Halogen Toxicity Requirements
• Meets U.S. and E.U. standards
• Pre-coated with high-tempature adhesive
• Operating temperature -22 F to +257 F (-30 C to +125 C)
• Good resistance to fuels, oils, and solvents
• Spec NAVSEA 5617649
A MIN.
D
G
F
H
E
B
C
B
C
E
G
H
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com