Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M803 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 2M803 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 28Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 29Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 30Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
ASSEMBLY INSTRUCTIONS
STEP 1: Remove hardware from plug or
receptacle and slip over wire bundle in proper
order for reassembly.
STEP 2: Using proper plastic or metal insertion
tool for corresponding contact, position wire
in tip of the tool so that the tool tip presses
against the contact shoulder.
STEP 3: Press tool against contact shoulder
and, with firm and even pressure, insert wired
contact and tool tip into center contact cavity.
WIRE STRIPPING
CONTACT CRIMPING
CONTACT EXTRACTION
STEP 5: Remove tool and pull back lightly on wire
to make sure contact is properly seated. Repeat
operation with remainder of contacts to be inserted,
beginning with the center cavity and working outward
in alternating rows.
STEP 6: After all contacts are inserted, fill
any empty cavities with wire sealing plugs.
Reassemble plug or receptacle hardware.
STEP 1: Remove hardware from plug or
receptacle and slide hardware back along
wire bundle.
STEP 2: Using plastic or metal extraction
tool with proper color code corresponding to
contact size, place wire in tool.
STEP 4: Hold wire firmly in tool and extract
wired contact and tool. Repeat operation for all
contacts to be extracted.
STEP 3: Insert tool into contact cavity until
tool tip bottoms against the contact shoulder,
expanding clip retaining tines.
Strip insulation from the end of wire to be crimped. (See
table for proper stripping dimensions.) Do not cut or dam-
age wire strands.
CONTACT SIZE
A
23, 20HD
.150 (3.18)
20
.188 (4.77)
16
.188 (4.77)
12
.188 (4.77)
CONTACT INSERTION
STEP 5: Fill any empty cavities with wire sealing
plugs. Reassemble plug or receptacle hardware.
STEP 4: When contact bottoms, a slight “click” can
be heard as tines of metal retaining clip snap into place
behind contact shoulder.
A
STEP 1: Insert wire into rear of contact. Wire
insulation must press against rear of contact. Wire
must be visible through inspection hole.
STEP 2: M22520 series crimp tool and locator is
recommended. See Contact and Tool Table on pages
182 and 183 for choice of turret head and selection
setting according to contact size, part number and wire
gauge size.
STEP 3: Insert contact and wire into tool jaws. To
crimp, squeeze handles together fully until ratchet
releases and allows handles to expand; otherwise,
contact cannot be extracted from tool jaws. Maintain
slight insertion pressure on wire while crimping contact
to wire.
Correct
Incorrect
All dimensions in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com