Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1677 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated AL1677 Datasheet HTML 10Page - Diodes Incorporated AL1677 Datasheet HTML 11Page - Diodes Incorporated AL1677 Datasheet HTML 12Page - Diodes Incorporated AL1677 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
9 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Application Information (continued)
5
_
R
V
I
REF
CS
peak
Where,
VCS_REF is the reference of the current sense, and the typical value is 0.4V.
R5 is the current sense resistor.
In no PF buck topology, the system operates at boundary conduct mode. The output current is:
peak
mean
o
I
I
2
1
_
Therefore, the current sense resistor R5 is determined:
mean
o
REF
CS
I
V
R
_
_
2
1
5
Inductance Selection (L1)
The AL1677 controls the system operating at boundary conduction mode, and the systems
’ operating frequency does not keep constant because
of the fluctuation of the bus voltage. Set the minimum switching frequency fmin at the maximum bus voltage, and the buck inductance value L1 can
be calculated by:
min
_
_
_
2
5
)
2
(
1
f
V
V
V
R
V
V
L
rms
in
ref
cs
o
o
rms
in
Where,
Vo is the output voltage.
Vin_rms is the RMS value of the input voltage.
According to the Faraday
’s Law of Induction, the winding number of the inductance can be calculated by:
5
1
1
_
1
R
B
A
V
L
B
A
I
L
N
m
e
REF
CS
m
e
peak
L
Where,
Ae is the core effective area.
Bm is the maximum magnetic flux density.
The AL1677 has designed the minimum tON time and maximum tON time. The tON_MIN is about 700ns and the tON_MAX time is about 35µs. In buck
topology we can get the equation Vin_rms-VO=L*Ipeak/tON. If the inductance is very small, leading the tON to become smaller, when the system’s tON
is smaller than tON_MIN, the device cannot detect the peak current of the system, leading to incorrect output current. If the inductance is very large,
leading tON to become larger when the system’s tON is larger than the tON_MAX, the system’s output current will decrease because of the limit of the
tON_MAX. Therefore, the suitable value of the inductance is very important.
The AL1677 tOFF_MIN time is about 6µS and tOFF_MAX time is about 200µs. In buck topology we use the equation VO=L*Ipeak/tOFF. If the inductance
is very small, leading the tOFF to become much smaller when the system’s tOFF is smaller than tOFF_MIN, the system will enter DCM mode, and the
output current will be incorrect. If the inductance is very large, leading tOFF to become much larger when the system’s tOFF is larger than the
tOFF_MAX, the system will enter CCM mode, and the output current will also be incorrect. Therefore, the suitable value of the inductance is very
important.
Consider these parameters, two examples of the typical application inductance is recommended as below:
System Spec.
Inductance Value
System Frequency
TON Min
TOFF
60V/150mA
(185~265VAC)
2.3mH
60K(230 VAC)
2.5µS(265 VAC)
11.5µS
42V/100mA (85~265 VAC)
2.5mH
62K(230 VAC)
1.7µs(265 VAC)
12.1µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com