Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1677 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated AL1677 Datasheet HTML 10Page - Diodes Incorporated AL1677 Datasheet HTML 11Page - Diodes Incorporated AL1677 Datasheet HTML 12Page - Diodes Incorporated AL1677 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
11 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Ordering Information
08 : 0.8A
AL1677–XX X XX–13
Mosfet Voltage
Current Option
B: 500V
S : SO-8
Package
Packing
13 :13" Tape & Reel
10 : 1.0A
20 : 2.0A
05 : 0.5A
Part Number
Package Code
Package
13
” Tape and Reel
Quantity
Part Number Suffix
AL1677-05BS-13
S
SO-8
4,000/Tape & Reel
-13
AL1677-08BS-13
S
SO-8
4,000/Tape & Reel
-13
AL1677-10BS-13
S
SO-8
4,000/Tape & Reel
-13
AL1677-20BS-13
S
SO-8
4,000/Tape & Reel
-13
Marking Information
1677- ZZZ
(Top View)
YY WW X X
Part Number
1677-05B for 0.5A/500V
1677-08B for 0.8A/500V
1677-10B for 1.0A/500V
1677-20B for 2.0A/500V
Logo
WW : Week : 01~52; 52
YY : Year : 15,16,17 ~
X X : Internal Code
8
7
6
5
1
2
3
4
represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com