Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1677 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL1677 Datasheet HTML 1Page - Diodes Incorporated AL1677 Datasheet HTML 2Page - Diodes Incorporated AL1677 Datasheet HTML 3Page - Diodes Incorporated AL1677 Datasheet HTML 4Page - Diodes Incorporated AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
3 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
18
V
VD
Voltage on D Pin
AL1677-05BS-13
500
V
AL1677-08BS-13
500
V
AL1677-10BS-13
500
V
AL1677-20BS-13
500
V
ID
Continuous Drain Current Tc = +25°C
AL1677-05BS-13
0.5
A
AL1677-08BS-13
0.8
A
AL1677-10BS-13
1.0
A
AL1677-20BS-13
2.0
A
VCS
Voltage on CS Pin
-0.3 to 7
V
VROVP
Voltage on ROVP Pin
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
+260
°C
PD
Power Dissipation and Thermal Characteristics (TA = +50°C)
0.65
W
JA
Thermal Resistance (Junction to Ambient)
190
°C/W
-
ESD (Human Body Model)
2,000
V
ESD (Machine Model)
200
V
Note:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TA (Note 5)
Ambient Temperature
-40
+105
°C
Note:
5. The device can operate normally at +125
°C ambient temperature under the condition that the junction temperature is less than +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com