Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1677 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1677 Datasheet HTML 1Page - Diodes Incorporated AL1677 Datasheet HTML 2Page - Diodes Incorporated AL1677 Datasheet HTML 3Page - Diodes Incorporated AL1677 Datasheet HTML 4Page - Diodes Incorporated AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
4 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO Section
VTH (ST)
Startup Threshold
–
–
14.5
–
V
VOPR(Min)
Minimal Operating Voltage
After Turn On
–
8.5
–
V
Vcc_clamp
Vcc Clamp Voltage
–
–
16.2
–
V
Standby Current Section
IST
Start-Up Current
VCC = VTH (ST)-0.5V,
Before Start Up
–
170
–
µA
ICC (OPR)
Operating Current
Static
–
100
–
µA
Internal High Voltage MOSFET
RDS(on)
Drain-Source On-State Resistance
AL1677-05BS-13
–
24
26
Ω
AL1677-08BS-13
–
16
20
AL1677-10BS-13
–
10
12
AL1677-20BS-13
–
5.4
6
IDS
Continuous Drain-Source Current
AL1677-05BS-13
–
–
0.5
A
AL1677-08BS-13
–
–
0.8
AL1677-10BS-13
–
–
1.0
AL1677-20BS-13
–
–
2.0
VDS
Drain-Source Voltage
AL1677-05BS-13
500
–
–
V
AL1677-08BS-13
500
–
–
AL1677-10BS-13
500
–
–
AL1677-20BS-13
500
–
–
IDSS
Drain-Source Leakage Current
AL1677-05BS-13
–
–
1
µA
AL1677-08BS-13
–
–
1
AL1677-10BS-13
–
–
1
AL1677-20BS-13
–
–
1
ROVP Section
VROVP
Reference Voltage of ROVP pin
–
–
0.5
–
V
Current Sense Section
VCS-REF
Current Sense Reference
–
0.388
0.400
0.412
V
tON_MIN
Minimum tON
–
400
–
700
ns
tON_MAX
Maximum tON
–
–
35
–
µs
tOFF_MAX
Maximum tOFF
–
–
200
–
µs
tOFF_MIN
Minimum tOFF (Note 6)
–
–
6
–
µs
Thermal Foldback and Over-Temperature Protection Section
TREG
Overheating Temperature Regulation
(Notes 6 & 8)
–
–
+140
–
°C
–
Shutdown Temperature (Notes 6 & 7
& 8)
–
–
+170
–
°C
Notes:
6. These parameters, although guaranteed by design, are not 100% tested in production.
7. The device will latch when OTP happen and the device won
’t operate constantly at this temperature.
8. This regulation temperature is junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com