Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1677 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1677 Datasheet HTML 1Page - Diodes Incorporated AL1677 Datasheet HTML 2Page - Diodes Incorporated AL1677 Datasheet HTML 3Page - Diodes Incorporated AL1677 Datasheet HTML 4Page - Diodes Incorporated AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
1 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
Description
The AL1677 is a universal AC-input (85~277 VAC), high-efficiency and
high-accuracy Buck LED-driver converter. The AL1677 topology
provides accurate constant current (CC) line and load regulation,
operating at boundary conduction mode (BCM) to ease in EMI/EMC
qualification and testing to meet the latest regulatory laws.
The AL1677 system removes the auxiliary winding and external high-
voltage MOSFET with few external components to create a low bill of
material (BOM) cost solution. The AL1677 has rich protection features
to enhance system safety and reliability. With thermal foldback
function, the AL1677 can reduce output current when the driver
’s
temperature is higher than the setting value.
The AL1677 is available in SO-8 package.
Features
> 90% Efficiency
Valley Detection to Minimize Switching Loss
Universal 85 to 277 VAC Input Range
Internal MOSFET up to 500V
Tight Current Sense Tolerance : ± 3%
Low Startup Current: 170µA
Low Operation Current: 100µA (Static)
Standard Inductor (no auxiliary winding)
Internal Protections
-
Undervoltage Lockout (UVLO)
-
Leading-Edge Blanking (LEB)
-
Cycle-by-cycle Overcurrent Protection(OCP)
-
Output Open/Short Protection(OVP/OSP)
-
Open-Load and Reload Detection
-
Thermal Foldback Function(TFP)
-
Over-Temperature Protection(OTP)
SO-8 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
6
5
7
GND
ROVP
NC
VCC
D
D
CS
CS
SO-8
Applications
Retrofit LED Lamps
High Voltage DC-DC LED Driver
General Purpose Constant Current Source
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL1677

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1672 DIODES-AL1672 Datasheet
293Kb / 14P
SINGLE STAGE DIMMABLE BUCK CONVERTER
Rev 1
AL1672-40CSP-13 DIODES-AL1672-40CSP-13 Datasheet
293Kb / 14P
SINGLE STAGE DIMMABLE BUCK CONVERTER
Rev 1
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
AL1673-20CSP-13 DIODES-AL1673-20CSP-13 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
Rev 1
More results

Similar Description - AL1677

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
High Efficiency LED Driver
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Semtech Corporation
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
High Efficiency LED Driver
logo
Diodes Incorporated
AP1688 DIODES-AP1688 Datasheet
359Kb / 10P
AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
Rev 2
logo
Grenergy Opto, lnc.
GR8210 GRENERGY-GR8210 Datasheet
702Kb / 14P
Universal and Dimmable LED Driver
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
High Speed, Accuracy, and Efficiency
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com