Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1677 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1677 Datasheet HTML 1Page - Diodes Incorporated AL1677 Datasheet HTML 2Page - Diodes Incorporated AL1677 Datasheet HTML 3Page - Diodes Incorporated AL1677 Datasheet HTML 4Page - Diodes Incorporated AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
2 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Typical Applications Circuit
OUT
+
VCC
CS
GND
U1 AL1677
C3
R1
AC
Input
F1
DB1
C1
ROVP
NC
R2
CS
D
C2
D1
L1
R4
R5
R3
D
1
2
3
4
5
6
7
8
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Ground
2
ROVP
Setting the Open Voltage of the Output
3
NC
No Connection
4
VCC
Power Supply for the Device
5,6
D
Internal High Voltage MOSFET
’s Drain
7,8
CS
Current Sensing
Functional Block Diagram
VCC
Management
Fault
Management
VCC
Clamp
OSP
OVP
STOP
LEB
Constant
Current Control
Max Ton
Limit
STOP
R
S
Q
Toff Detection
(ZCD)
OVP
OVP
VCC
CS
GND
ROVP
2
5,6
4
7,8
1
NC
3
D
VOVP_REF
TOFF
OSP
TOFF
VOVP_REF
VREF
OTP
UVLO
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com