Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2401 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM2401
Description  1.0MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2401 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM2401 Datasheet HTML 1Page - Diodes Incorporated PAM2401 Datasheet HTML 2Page - Diodes Incorporated PAM2401 Datasheet HTML 3Page - Diodes Incorporated PAM2401 Datasheet HTML 4Page - Diodes Incorporated PAM2401 Datasheet HTML 5Page - Diodes Incorporated PAM2401 Datasheet HTML 6Page - Diodes Incorporated PAM2401 Datasheet HTML 7Page - Diodes Incorporated PAM2401 Datasheet HTML 8Page - Diodes Incorporated PAM2401 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PAM2401
Document number: DS37285 Rev. 1 - 2
5 of 10
www.diodes.com
May 2014
© Diodes Incorporated
PAM2401
A Product Line of
Diodes Incorporated
Application Information
Output Voltage Set Equation
The output voltage of the PAM2401, VOUT, is set by an external resistor divider from VOUT to ground as shown in figure 1. The divider tap is
connected to the FB pin and the typical value of the voltage at the FB pin is 0.6V. The following equation is used to set the
VOUT: VOUT = 0.6 (1+R1/R2) For example, if output voltage of 5V is needed, with a chosen R2 value of 100kΩ ,the value of R1 can be calculated
according to the equation, so a 750kΩ resistor should be chosen for R1.
Inductor Selection
To select an inductor for use in PAM2401 applications, it is worth noting that the inductor current saturation rating should be larger than the
possible peak inductor current to ensure proper operation, and should have low DCR (DC resistance). Using an inductor the saturation current of
which is lower than required can cause a dramatic drop in the inductance and can decay the maximum output current levels severely. For most
applications, the value of the inductor should be in the range ofs 1µH to 4.7µH. Its value is chosen based on the desired ripple current.
Larger value inductors result in lower ripple currents, and smaller value inductors result in higher ripple currents. A 1.5µH or 2.2µH inductor will be
the best choice for most PAM2401 applications. The following equation can also help give a good approximate value for the inductor.
Δ
=
ILxf
V INxD
L
D Duty Cycle=1-VIN/VOUT, F Switching Frequency = 1.0MHz, ∆IL Ripple Current in the Inductor, i.e., 20% to 40% of the maximum inductor current
(Ip).
Output and Input Capacitor Selection
Input Capacitor
At least a 10µF input capacitor is recommended to reduce the input ripple and switching noise for normal operating conditions, while a 10-22µF
capacitor may be required for higher power and dynamic loads. Larger values and lower ESR (Equivalent Series Resistance) may be needed if
the application require very low input ripple. It follows that ceramic capacitors are a good choice for applications. Note that the input capacitor
should be located as close as possible to the IC.
Output Capacitor
A minimum output capacitor value of 22µF is recommended and may be increase to a larger value. The ESR of the output capacitor is important
because it determines the peak to peak output voltage ripple by the following equation:
xRESR
IL
V OUT
Δ
>>
Δ
2
Multilayer ceramic capacitors are an excellent choice as they have extremely low ESR and are available in small footprints.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com