Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2401 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2401
Description  1.0MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2401 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2401 Datasheet HTML 1Page - Diodes Incorporated PAM2401 Datasheet HTML 2Page - Diodes Incorporated PAM2401 Datasheet HTML 3Page - Diodes Incorporated PAM2401 Datasheet HTML 4Page - Diodes Incorporated PAM2401 Datasheet HTML 5Page - Diodes Incorporated PAM2401 Datasheet HTML 6Page - Diodes Incorporated PAM2401 Datasheet HTML 7Page - Diodes Incorporated PAM2401 Datasheet HTML 8Page - Diodes Incorporated PAM2401 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PAM2401
Document number: DS37285 Rev. 1 - 2
1 of 10
www.diodes.com
May 2014
© Diodes Incorporated
PAM2401
A Product Line of
Diodes Incorporated
1.0MHz STEP-UP DC-DC CONVERTER
Description
The PAM2401 is a high efficiency, current mode, fixed frequency,
step-up DC/DC converter with true output disconnect and inrush
current limiting. The device includes one 0.10Ω N-channel MOSFET
switch and one 0.15Ω P-channel synchronous rectifier. This product
has the ability to simply program the output voltage from 2.5V to
5.0V.The switching frequency is 1.0MHz, programmable current limit
set by an external resistor from 1.0A to 3.0A with internal soft-start.
When loading became light, the converter will automatically enter into
PSM to improve the efficiency.
Quiescent current is only 150µA during Pulse Skip Mode operation,
maximizing battery life in portable applications. Other features include
: <1µA shutdown, anti-ringing control, Hiccup mode at short
protection, over voltage protection and over temperature protection.
The PAM2401 is available in MSOP-8 and U-DFN3030-12 packages
Features
•
Up to 95% Efficiency
•
True Output Disconnect
•
Inrush Current Limiting When Power On
•
Output Current up to 1000mA at VIN = 3V and VOUT = 5.0V
•
Fixed Frequency Operation Up to 1MHz
•
0.9V to 4.75V Input Range
•
2.5V to 5.0V Adjustable Output Voltage
•
Guaranteed 1.0V Start-Up
•
Programmable Current Limit
•
Internal Soft-Start
•
Internal Compensation
•
Pulse Sipping Mode at Light Load Operation
•
Hiccup Mode Short Protection
•
Over Voltage Protection
•
Over Temperature Protection
•
<1µA Shutdown Current
•
Power Good Indicator
•
MSOP-8 and U-DFN3030-12 packages
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
•
Handheld Computers
•
Cordless Phones
•
GPS Receivers
•
Battery Backup Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - PAM2401

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
PAM2400AAA200 PAM-PAM2400AAA200 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
PAM2400AAA270 PAM-PAM2400AAA270 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
PAM2400AAA280 PAM-PAM2400AAA280 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
PAM2400AAA300 PAM-PAM2400AAA300 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
More results

Similar Description - PAM2401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Diodes Incorporated
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM5171 HMSEMI-HM5171 Datasheet
580Kb / 11P
2A, 1.0MHZ High Efficiency Synchronous Rectified Step-Up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com