Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2401 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2401
Description  1.0MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2401 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2401 Datasheet HTML 1Page - Diodes Incorporated PAM2401 Datasheet HTML 2Page - Diodes Incorporated PAM2401 Datasheet HTML 3Page - Diodes Incorporated PAM2401 Datasheet HTML 4Page - Diodes Incorporated PAM2401 Datasheet HTML 5Page - Diodes Incorporated PAM2401 Datasheet HTML 6Page - Diodes Incorporated PAM2401 Datasheet HTML 7Page - Diodes Incorporated PAM2401 Datasheet HTML 8Page - Diodes Incorporated PAM2401 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PAM2401
Document number: DS37285 Rev. 1 - 2
2 of 10
www.diodes.com
May 2014
© Diodes Incorporated
PAM2401
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
MSOP-8
U-DFN3030-12
Name
Function
1
1,2
LX
Switch Pin
2
3
EN
Enables Control Input.
3
4
VIN
Input Voltage Pin
--
5
PG
Power Good Indicator Pin, Open Drain Output
4
6
AGND
Analog Ground
5
7
FB
Feedback Pin Internally Set to 0.6V.
6
8
RSET
Current Limit Setting
7
9,10
OUT
Output Pin
8
11,12
PGND
Power Ground
Exposed Pad
EP
Thermal Pad of the Package. Can Be Connected to PGND
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com