Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2401 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2401
Description  1.0MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2401 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2401 Datasheet HTML 1Page - Diodes Incorporated PAM2401 Datasheet HTML 2Page - Diodes Incorporated PAM2401 Datasheet HTML 3Page - Diodes Incorporated PAM2401 Datasheet HTML 4Page - Diodes Incorporated PAM2401 Datasheet HTML 5Page - Diodes Incorporated PAM2401 Datasheet HTML 6Page - Diodes Incorporated PAM2401 Datasheet HTML 7Page - Diodes Incorporated PAM2401 Datasheet HTML 8Page - Diodes Incorporated PAM2401 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PAM2401
Document number: DS37285 Rev. 1 - 2
3 of 10
www.diodes.com
May 2014
© Diodes Incorporated
PAM2401
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Voltage
-0.3 to +6.0
V
SW Voltage
-0.3 to +6.0
V
SHDN, FB Voltage
-0.3 to +6.0
V
VOUT
-0.3 to +6.0
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +125
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Ambient Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance
(Junction to Case)
MSOP-8
ΘJC
75
°C/W
U-DFN3030-12
8.5
Thermal Resistance
(Junction to Ambient)
MSOP-8
ΘJC
180
U-DFN3030-12
60
Internal Power Dissipation
MSOP-8
PD
0.55
W
U-DFN3030-12
1.66



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com