Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2401 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM2401
Description  1.0MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2401 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PAM2401 Datasheet HTML 2Page - Diodes Incorporated PAM2401 Datasheet HTML 3Page - Diodes Incorporated PAM2401 Datasheet HTML 4Page - Diodes Incorporated PAM2401 Datasheet HTML 5Page - Diodes Incorporated PAM2401 Datasheet HTML 6Page - Diodes Incorporated PAM2401 Datasheet HTML 7Page - Diodes Incorporated PAM2401 Datasheet HTML 8Page - Diodes Incorporated PAM2401 Datasheet HTML 9Page - Diodes Incorporated PAM2401 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PAM2401
Document number: DS37285 Rev. 1 - 2
6 of 10
www.diodes.com
May 2014
© Diodes Incorporated
PAM2401
A Product Line of
Diodes Incorporated
Typical Performance Characteristics (TA = +25°C, VIN = 3.3V, VOUT = 5V, unless otherwise noted.)
0
100
200
300
400
500
600
700
800
900
1000
50
55
60
65
70
75
80
85
90
95
100
Output Current (mA)
Vin=3.3V
Vin=4.5V
Figure 4 Efficiency vs. Output Current (MSOP-8)
0
100
200
300
400
500
600
700
800
900
1000
50
55
60
65
70
75
80
85
90
95
100
Output Current (mA)
Vin=3.3V
Vin=4.5V
Figure 5 Efficiency vs. Output Current (U-DFN)
0
100
200
300
400
500
600
700
800
900
1000
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
Output Current (mA)
Vin=3.3V
Vin=4.5V
Figure 6 Output Voltage vs. Output Current
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
Input Voltage (V)
Vout=3.3V
Vout=3.6V
Vout=4.2V
vout=5V
test on steady state
Figure 7 Maximum Output Current vs. Input Voltage
50
60
70
80
90 100 110 120 130 140 150 160 170 180 190
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
RSET Resistance (Kohm)
Vin=3.3V, Vo=5V
Figure 8 Inductor Current Limit vs. RSET Resistance
-40 -30 -20 -10 0
102030 405060708090 100 110 120
90
100
110
120
130
140
150
160
Temperature (oC)
Vin=4.5V,Vo=5V,Io=0A
Figure 9 Dynamic Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com