Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2401 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM2401
Description  1.0MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2401 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM2401 Datasheet HTML 2Page - Diodes Incorporated PAM2401 Datasheet HTML 3Page - Diodes Incorporated PAM2401 Datasheet HTML 4Page - Diodes Incorporated PAM2401 Datasheet HTML 5Page - Diodes Incorporated PAM2401 Datasheet HTML 6Page - Diodes Incorporated PAM2401 Datasheet HTML 7Page - Diodes Incorporated PAM2401 Datasheet HTML 8Page - Diodes Incorporated PAM2401 Datasheet HTML 9Page - Diodes Incorporated PAM2401 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAM2401
Document number: DS37285 Rev. 1 - 2
9 of 10
www.diodes.com
May 2014
© Diodes Incorporated
PAM2401
A Product Line of
Diodes Incorporated
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
MSOP-8
(2)
U-DFN3030-12
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1)
MSOP-8
MSOP-8
Dim Min Max
Typ
A
-
1.10
-
A1
0.05 0.15
0.10
A2
0.75 0.95
0.86
A3
0.29 0.49
0.39
b
0.22 0.38
0.30
c
0.08 0.23
0.15
D
2.90 3.10
3.00
E
4.70 5.10
4.90
E1
2.90 3.10
3.00
E3
2.85 3.05
2.95
e
-
-
0.65
L
0.40 0.80
0.60
a
0°
8°
4°
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm
U-DFN3030-12
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
⎯
⎯
0.15
b
0.18
0.28
0.23
D
2.90
3.10
3.00
D2
2.30
2.50
2.40
e
⎯
⎯
0.45
E
2.90
3.10
3.00
E2
1.50
1.70
1.60
L
0.25
0.55
0.40
All Dimensions in mm
Dimensions Value (in mm)
C
0.650
X
0.450
Y
1.350
Y1
5.300
A
A1
A2
e
Seating Plane
Gauge Plane
L
See Detail C
Detail C
c
E1
E3
A3
1
E
y
x
D
b
0.25
4x10°
4x1
0°
SEATING PLANE
A3
A
A1
Pin#1 ID
L
E E2
D
D2
e
b
X
C
Y
Y1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com