Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3597-RTR Datasheet(PDF) 50 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 50 Page - Silicon Laboratories

Back Button EM3597-RTR Datasheet HTML 46Page - Silicon Laboratories EM3597-RTR Datasheet HTML 47Page - Silicon Laboratories EM3597-RTR Datasheet HTML 48Page - Silicon Laboratories EM3597-RTR Datasheet HTML 49Page - Silicon Laboratories EM3597-RTR Datasheet HTML 50Page - Silicon Laboratories EM3597-RTR Datasheet HTML 51Page - Silicon Laboratories EM3597-RTR Datasheet HTML 52Page - Silicon Laboratories EM3597-RTR Datasheet HTML 53Page - Silicon Laboratories EM3597-RTR Datasheet HTML 54Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
EM359x
50
Rev 1.0
43
PB0
I/O
Digital I/O
VREF
Analog O ADC reference output
Enable analog function with GPIO_PBCFGL[3:0]
VREF
Analog I
ADC reference input
Enable analog function with GPIO_PBCFGL[3:0]
Enable reference output with an Ember system function
IRQA
I
External interrupt source A
TRACEDATA2
(see also Pin 30)
O
Synchronous CPU trace data bit 2
Select 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PBCFGL[3:0]
TIM1CLK
I
Timer 1 external clock input
TIM2MSK
I
Timer 2 external clock mask input
44
VDD_PADS
Power
Pads supply (2.1–3.6 V)
45
PC1
I/O
Digital I/O
ADC3
Analog
ADC Input 3
Enable analog function with GPIO_PCCFGL[7:4]
TRACEDATA3
(see also Pin 31)
O
Synchronous CPU trace data bit 3
Select 1-, 2- or 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PCCFGL[7:4]
46
VDD_MEM
Power
1.8 V supply (flash, RAM)
47
PC0
I/O
High
current
Digital I/O
Either enable with GPIO_DBGCFG[5],
or enable Serial Wire mode (see JTMS description, Pin 42) and disable
TRACEDATA1
JRST
I
JTAG reset input from debugger
Selected when in JTAG mode (default mode, see JTMS description,
Pin 42) and TRACEDATA1 is disabled
Internal pull-up is enabled
IRQD1
I
Default external interrupt source D.
TRACEDATA1
O
Synchronous CPU trace data bit 1
Select 2- or 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PCCFGL[3:0]
Table 6.1. EM359x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com