Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3597-RTR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 1 Page - Silicon Laboratories

  EM3597-RTR Datasheet HTML 1Page - Silicon Laboratories EM3597-RTR Datasheet HTML 2Page - Silicon Laboratories EM3597-RTR Datasheet HTML 3Page - Silicon Laboratories EM3597-RTR Datasheet HTML 4Page - Silicon Laboratories EM3597-RTR Datasheet HTML 5Page - Silicon Laboratories EM3597-RTR Datasheet HTML 6Page - Silicon Laboratories EM3597-RTR Datasheet HTML 7Page - Silicon Laboratories EM3597-RTR Datasheet HTML 8Page - Silicon Laboratories EM3597-RTR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Rev 1.0 9/14
Copyright © 2014 by Silicon Laboratories
EM359x
EM359x
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
Complete System-on-Chip
- 32-bit ARM® Cortex -M3 processor
- 2.4 GHz IEEE 802.15.4-2003 transceiver & lower MAC
- 256 or 512 kB flash, with optional read protection
- 32 or 64 kB RAM memory
- AES128 encryption accelerator
- Flexible ADC, UART/SPI/TWI serial communications,
and general purpose timers
- Optional USB serial communications
- 32 highly configurable GPIOs with Schmitt trigger inputs
Industry-leading ARM® Cortex -M3 processor
- Leading 32-bit processing performance
- Highly efficient Thumb-2 instruction set
- Operation at 6, 12, or 24 MHz
- Flexible Nested Vectored Interrupt Controller
Low power consumption, advanced management
- RX Current (w/ CPU): 27 mA
- TX Current (w/ CPU, +3 dBm TX): 31 mA
- Low deep sleep current, with retained RAM and GPIO:
1.0
A without/1.25 A with sleep timer
- Low-frequency internal RC oscillator for low-power sleep
timing
- High-frequency internal RC oscillator for fast (110 µs)
processor start-up from sleep
Exceptional RF Performance
- Normal mode link budget up to 103 dB; configurable up
to 110 dB
- –100 dBm normal RX sensitivity; configurable to 
–102 dBm (1% PER, 20 byte packet)
- +3 dB normal mode output power; configurable up to
+8 dBm
- Robust Wi-Fi and Bluetooth coexistence
Innovative network and processor debug
- Packet Trace Port for non-intrusive packet trace with
Ember development tools
- Serial Wire/JTAG interface
- Standard ARM debug capabilities: Flash Patch & Break-
point; Data Watchpoint & Trace; Instrumentation Trace
Macrocell
Application Flexibility
- Single voltage operation: 2.1–3.6 V with internal 1.8 and
1.25 V regulators
- Optional 32.768 kHz crystal for higher timer accuracy
- Low external component count with single 24 MHz 
crystal
- Support for external power amplifier
- 8x8 mm 56-pin QFN package
ADC
RF_P,N
Program Flash
256/512 kB
Data
RAM
32/64 kB
HF crystal 
OSC
LF crystal 
OSC
General
Purpose
ADC
Serial Wire
and JTAG
debug
Internal LF
RC-OSC
GPIO multiplexor switch
Chip
manager
1.8V 
Regulator
Bias
2nd level
Interrupt
controller
RF_TX_ALT_P,N
OSCA
OSCB
PA[7:0], PB[7:0], PC[7:0], PD[4:1], PE[3:0]
Encryption 
acclerator
IF
Always
Powered
Domain
ARM® CortexTM-M3
CPU with NVIC
and MPU
VREG_OUT
Watchdog
PA select
LNA
PA
PA
DAC
MAC
+
Baseband
Sleep
timer
POR
nRESET
General 
purpose 
timers
GPIO
registers
UART/SPI/
TWI
SYNTH
Internal HF
RC-OSC
TX_ACTIVE
Calibration
ADC
Packet Trace
CPU debug TPIU/
ITM/FPB/DWT/
ETM
1.25V 
Regulator
VDD_CORE
USB
Device
SWCLK, JTCK 


Similar Part No. - EM3597-RTR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM3593 EATON-EM3593 Datasheet
681Kb / 1P
Header (Mates with EM3553, EM3543, and EM3583 Series); 3.81 Centers
EM359302HC EATON-EM359302HC Datasheet
681Kb / 1P
Header (Mates with EM3553, EM3543, and EM3583 Series); 3.81 Centers
EM359302VC EATON-EM359302VC Datasheet
681Kb / 1P
Header (Mates with EM3553, EM3543, and EM3583 Series); 3.81 Centers
EM359303HC EATON-EM359303HC Datasheet
681Kb / 1P
Header (Mates with EM3553, EM3543, and EM3583 Series); 3.81 Centers
EM359303VC EATON-EM359303VC Datasheet
681Kb / 1P
Header (Mates with EM3553, EM3543, and EM3583 Series); 3.81 Centers
More results

Similar Description - EM3597-RTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68349 MOTOROLA-MC68349 Datasheet
211Kb / 7P
HIGH PERFORMANCE INTEGRATED PROCESSOR
logo
List of Unclassifed Man...
EM351 ETC2-EM351 Datasheet
11Mb / 240P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Silicon Laboratories
EM351 SILABS-EM351_12 Datasheet
4Mb / 244P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
TriQuint Semiconductor
TQM766012 TRIQUINT-TQM766012_15 Datasheet
207Kb / 1P
Integrated high performance coupler
logo
Silicon Laboratories
EM346 SILABS-EM346 Datasheet
1Mb / 142P
High-Performance, Integrated Dual ZigBee PRO
EM3581 SILABS-EM3581 Datasheet
901Kb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
RD-0002-0201 SILABS-RD-0002-0201 Datasheet
8Mb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM358X SILABS-EM358X Datasheet
8Mb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM359X SILABS-EM359X Datasheet
8Mb / 59P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com