Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3597-RTR Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EM3597-RTR Datasheet HTML 5Page - Silicon Laboratories EM3597-RTR Datasheet HTML 6Page - Silicon Laboratories EM3597-RTR Datasheet HTML 7Page - Silicon Laboratories EM3597-RTR Datasheet HTML 8Page - Silicon Laboratories EM3597-RTR Datasheet HTML 9Page - Silicon Laboratories EM3597-RTR Datasheet HTML 10Page - Silicon Laboratories EM3597-RTR Datasheet HTML 11Page - Silicon Laboratories EM3597-RTR Datasheet HTML 12Page - Silicon Laboratories EM3597-RTR Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
EM359x
Rev 1.0
9
2. Typical Connection Diagrams
Figure 2.1 illustrates the typical application circuit.
Note:
The circuit shown in
Figure 2.1 is for example purposes only. For a complete reference design, please download one of
the latest Ember Hardware Reference Designs from the Silicon Labs website (www.silabs.com/zigbee-support).
The Balun provides an impedance transformation from the antenna to the EM359x for both TX and RX modes.
L4, along with the PCB trace parasitics and the ceramic balun impedence, provide the optimal RF path for
maximum transmit power and receive sensitivity for the EM359x system.
The harmonic filter (L5, L6, C7, C8 and C9) provides additional suppression of the second harmonic, which
increases the margin over the FCC limit.
The 24 MHz crystal, Y2, with loading capacitors is required and provides the high-frequency crystal oscillator
source for the EM359x’s main system clock. The optional 32.768 kHz crystal, Y1, with loading capacitors
generates a highly accurate low-frequency crystal oscillator for use with peripherals, but it is not mandatory as the
low-frequency internal RC oscillator can be used.
Loading capacitance and ESR (C3 and R3) provides proper loading for the internal 1.8 V regulator.
Loading capacitance C4 provides proper loading for the internal 1.25 V regulator, no ESR is required because it is
contained within the chip.
Resistor R7 reduces the operating voltage of the flash memory. This reduces current consumption and improves
sensitivity by 1 dB when compared to not using it.
Various decoupling capacitors are required, these should be placed as close to their corresponding pins as
possible. For values and locations see one of the Silicon Labs reference designs.
An antenna impedance matched to 50
 is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com