Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3597-RTR Datasheet(PDF) 57 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 57 Page - Silicon Laboratories

Back Button EM3597-RTR Datasheet HTML 51Page - Silicon Laboratories EM3597-RTR Datasheet HTML 52Page - Silicon Laboratories EM3597-RTR Datasheet HTML 53Page - Silicon Laboratories EM3597-RTR Datasheet HTML 54Page - Silicon Laboratories EM3597-RTR Datasheet HTML 55Page - Silicon Laboratories EM3597-RTR Datasheet HTML 56Page - Silicon Laboratories EM3597-RTR Datasheet HTML 57Page - Silicon Laboratories EM3597-RTR Datasheet HTML 58Page - Silicon Laboratories EM3597-RTR Datasheet HTML 59Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
EM359x
Rev 1.0
57
6.2. Part Marking
Figure 6.4 shows the part marking for the EM359x Series. The circle in the top corner indicates Pin 1. Pins are
numbered counter-clockwise from Pin 1 with 14 pins per package edge.
Figure 6.4. Part Marking for EM359x
Table 6.4. 56-Pin QFN Top Marking Explanation
Mark Method:
Laser
Pin 1 Marking:
Circle = 0.40 mm Diameter
(Top-Left Justified)
Line 1 Marking:
Device Part Number
Right Justified
EM359x
EM359x is the Orderable Part Number variant
(EM3591/2/5/6/7/8)
Line 2 Marking:
TTTTTT = Mfg Code
YY=Year
WW-Work Week
Manufacturing Code from the Assembly Purchase
form. Assigned by the Assembly House. Corre-
sponds to the year and work week.
Right Justified
Line 3 Marking:
Circle = 1.3 mm Diameter
Center Justified
Country of Origin
ISO abbreviation
Right Justified
“e3” indicates Lead-Free terminal finish
TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com