Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3597-RTR Datasheet(PDF) 31 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button EM3597-RTR Datasheet HTML 27Page - Silicon Laboratories EM3597-RTR Datasheet HTML 28Page - Silicon Laboratories EM3597-RTR Datasheet HTML 29Page - Silicon Laboratories EM3597-RTR Datasheet HTML 30Page - Silicon Laboratories EM3597-RTR Datasheet HTML 31Page - Silicon Laboratories EM3597-RTR Datasheet HTML 32Page - Silicon Laboratories EM3597-RTR Datasheet HTML 33Page - Silicon Laboratories EM3597-RTR Datasheet HTML 34Page - Silicon Laboratories EM3597-RTR Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
EM359x
Rev 1.0
31
4.4.2. Resets
The EM359x resets are generated from a number of sources. Each of these reset sources feeds into central reset
detection logic that causes various parts of the system to be reset depending on the state of the system and the
nature of the reset event. Reset sources include:

Power-On-Resets (POR HV and POR LV)

nRESET Pin

Watchdog Reset

Software Reset

Option Byte Error

Debug Reset

JRST

Deep Sleep Reset
The EM359x records the last reset condition that generated a restart to the system. The Reset Generation module
responds to reset sources and generates reset signals, which vary based on the reset source and cause.
4.4.3. Clocks
The EM359x integrates four oscillators:

12 MHz RC oscillator: Used as the default system clock source when power is applied to the core domain.

24 MHz crystal oscillator: Requires an external 24 MHz crystal. Used as the system clock source when all
peripherals, including the radio peripheral, require the most accurate clock.

10 kHz RC oscillator: Provided as an internal timing reference

32.768 kHz crystal oscillator: Provided as an optional timing reference for on-chip timers.
4.4.4. System Timers
The EM359x contains three system timers:

Watchdog Timer: Can be enabled to provide protection against software crashes and ARM® CortexTM-M3
CPU lockup.

Sleep Timer: 32-bit timer dedicated to system timing and waking from sleep at specific times.

Event Timer: An ARM® standard system timer in the NVIC.
4.4.5. Power Management
The EM359x’s power management system is designed to achieve the lowest deep sleep current consumption
possible while still providing flexible wakeup sources, timer activity, and debugger operation. The EM359x has four
main sleep modes:

Idle Sleep: Puts the CPU into an idle state where execution is suspended until any interrupt occurs. All
power domains remain fully powered and nothing is reset.

Deep Sleep 1: The primary deep sleep state. In this state, the core power domain is fully powered down
and the sleep timer is active.

Deep Sleep 2: The same as Deep Sleep 1 except that the sleep timer is inactive to save power. In this
mode the sleep timer cannot wake up the EM359x.

Deep Sleep 0 (also known as Emulated Deep Sleep): The chip emulates a true deep sleep without
powering down the core domain. Instead, the core domain remains powered and all peripherals except the
system debug components (ITM, DWT, FPB, NVIC) are held in reset. The purpose of this sleep state is to
allow EM359x software to perform a deep sleep cycle while maintaining debug configuration such as
breakpoints.
The deep sleep modes consume less than 2 µA power. When in deep sleep the EM359x can be returned to the
running state in a number of ways. The wake sources are split depending on deep sleep 1 or deep sleep 2.
The RAM can optionally be configured to select banks of locations to be non-volatile. In deep sleep those banks
selected are powered by a low leakage internal regulator that remains on during deep sleep, powered from the
always-on supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com