Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3597-RTR Datasheet(PDF) 21 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button EM3597-RTR Datasheet HTML 17Page - Silicon Laboratories EM3597-RTR Datasheet HTML 18Page - Silicon Laboratories EM3597-RTR Datasheet HTML 19Page - Silicon Laboratories EM3597-RTR Datasheet HTML 20Page - Silicon Laboratories EM3597-RTR Datasheet HTML 21Page - Silicon Laboratories EM3597-RTR Datasheet HTML 22Page - Silicon Laboratories EM3597-RTR Datasheet HTML 23Page - Silicon Laboratories EM3597-RTR Datasheet HTML 24Page - Silicon Laboratories EM3597-RTR Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
EM359x
Rev 1.0
21
3.7. RF Electrical Characteristics
3.7.1. Receive
Table 3.8 lists the key parameters of the integrated IEEE 802.15.4-2003 receiver on the EM359x.
Receive measurements were collected with the Silicon Labs EM359x Ceramic Balun Characterization Module
(Version P1) at 2440 MHz. The typical number indicates one standard deviation above the mean, measured at
room temperature (25
C). The Min and Max numbers were measured over process corners at room temperature.
Table 3.8. Receive Characteristics
Parameter
Test Condition
Min
Typ
Max
Unit
Frequency range
2400
—
2500
MHz
Sensitivity (boost mode)
1% PER, 20 byte packet defined by
IEEE 802.15.4-2003
—
–102
—
dBm
Sensitivity
1% PER, 20 byte packet defined by
IEEE 802.15.4-2003
—
–100
—
dBm
High-side adjacent channel rejection
IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal
at –82 dBm
—
35
—
dB
Low-side adjacent channel rejection
IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal
at –82 dBm
—
35
—
dB
2nd high-side adjacent channel rejec-
tion
IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal
at –82 dBm
—
46
—
dB
2nd low-side adjacent channel rejection IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal
at –82 dBm
—
46
—
dB
High-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 inter-
ferer signal, wanted IEEE 802.15.4-
2003 signal at –82 dBm
—
39
—
dB
Low-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 inter-
ferer signal, wanted IEEE 802.15.4-
2003 signal at –82 dBm
—
47
—
dB
2nd high-side adjacent channel
rejection
Filtered IEEE 802.15.4-2003 inter-
ferer signal, wanted IEEE 802.15.4-
2003 signal at –82 dBm
—
49
—
dB
2nd low-side adjacent channel rejection
Filtered IEEE 802.15.4-2003 inter-
ferer signal, wanted IEEE 802.15.4-
2003 signal at –82 dBm
—
49
—
dB
High-side adjacent channel rejection
CW interferer signal, wanted IEEE
802.15.4-2003 signal at –82 dBm
—
44
—
dB
Low-side adjacent channel rejection
CW interferer signal, wanted IEEE
802.15.4-2003 signal at –82 dBm
—
47
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com