Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5903ACPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5903ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 5 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
f = 5800 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C, VPOS = 5.0 V
35
dB
CW input, TA = 25°C, VPOS = 3.0 V
32
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −12 dBm, −2 dBm, and +12 dBm
19
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −12 dBm, −2 dBm, and +12 dBm
−16
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.6/+0.32
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.7/+0.42
dB
−40°C < TA < +85°C; PIN = −10 dBm
−1.1/+0.72
dB
−55°C < TA < +125°C; PIN = −10 dBm
−1.4/+1.12
dB
Logarithmic Slope
Calibration at −12 dBm and +8 dBm
40
mV/dB
Logarithmic Intercept
Calibration at −12 dBm and +8 dBm (X-intercept)
−27
dBm
POWER-DOWN INTERFACE
Pin ENBL
Voltage Level to Enable
2
VPOS
V
Voltage Level to Disable
0
0.6
V
Input Bias Current
VENBL = 2.2 V
<20
nA
POWER SUPPLY INTERFACE
Pin VPOS
Supply Voltage
3.0
5.25
V
Quiescent Current
TA = 25°C, no signal at RFIN, VPOS = 5.0 V
3
mA
TA = 125°C, no signal at RFIN, VPOS = 5.0 V
3.6
mA
Power-Down Current
ENBL input low condition
<100
µA
1
Refer to Figure 12, input return loss, S11 (dB).
2
The slash indicates a range. For example, −0.2/+0.03 means −0.2 to +0.03.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com