Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5903ACPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5903ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
200 MHz to 6 GHz
35 dB TruPwr™ Detector
Data Sheet
ADL5903
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Accurate rms-to-dc conversion from 200 MHz to 6 GHz
Measurement dynamic range of 35 dB
Ripple-free transfer function
Single-ended input, 50 Ω source compatible
No external matching required
Waveform and modulation independent, such as
GSM/CDMA/W-CDMA/TD-SCDMA/LTE
Linear in decibels output, scaled 35.5 mV/dB at 900 MHz
Excellent temperature stability
Operates from 3.0 V to 5.0 V from −55°C to +125°C
Low power consumption: 3 mA at 3.0 V to 5.0 V supply
8-lead, 2 mm × 2 mm LFCSP package
APPLICATIONS
Power amplifier linearization/control loops
Transmitter power controls
Transmitter signal strength indication (TSSI)
RF instrumentation
Wireless repeaters
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADL5903 is a true rms responding power detector that has
a 35 dB measurement range. It features low power consumption
and an intrinsically ripple-free error transfer function.
The ADL5903 provides a solution in a variety of high frequency
systems requiring an accurate measurement of signal power.
Requiring only a single supply of 3.0 V to 5.0 V and a few
capacitors, it is easy to use and capable of being driven single-
ended or with a balun for differential input drive. An on-chip
matching network provides good return loss over the specified
frequency range of the device. The ADL5903 can operate from
200 MHz to 6 GHz and can accept inputs from −30 dBm to
+20 dBm.
The ADL5903 can be used to determine the true power of a
high frequency signal with a complex modulation envelope
including large crest factor signals such as GSM, CDMA,
W-CDMA, TD-SCDMA, and LTE modulated signals. The
output is then proportional to the logarithm of the rms value
of the input. In other words, the reading is presented directly
in decibels and is scaled about 35.5 mV/dB at 900 MHz.
The ADL5903 has low power consumption when operational
and a disable mode that further reduces the power consumption.
Power consumption is less than 100 µA when the ADL5903
enters power-down mode through a logic low at Pin ENBL.
The ADL5903 is supplied in a 2 mm × 2 mm, 8-lead LFCSP for
operation over the wide temperature range of −55°C to +125°C.
5
1
6
ADL5903
RFIN
ENBL
RMS CORE
INTERNAL
FILTERING
BUFFER
630pF
1kΩ
100Ω
4pF
VPOS
2
GND
8
NIC
EP
4
CREG
3
CRMS
7
VRMS


Similar Part No. - ADL5903ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5903 AD-ADL5903 Datasheet
1,012Kb / 33P
50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
Rev. F
More results

Similar Description - ADL5903ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
AD8363 AD-AD8363 Datasheet
3Mb / 14P
50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5906 AD-ADL5906 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
50 Hz to 6 GHz, 50 dB TruPwr Detector
3/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com