Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5903ACPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5903ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADL5903
Data Sheet
Rev. B | Page 10 of 20
Figure 15. VRMS and Log Conformance Error vs. Input Level and Temperature
at 300 MHz
Figure 16. VRMS and Log Conformance Error vs. Input Level and Temperature
at 700 MHz
Figure 17. VRMS and Log Conformance Error vs. Input Level and Temperature
at 900 MHz
Figure 18. Distribution of Log Conformance Error with Respect to Calibration
at 25°C vs. Input Level and Temperature at 300 MHz
Figure 19. Distribution of Log Conformance Error with Respect to Calibration
at 25°C vs. Input Level and Temperature at 700 MHz
Figure 20. Distribution of Log Conformance Error with Respect to Calibration
at 25°C vs. Input Level and Temperature at 900 MHz
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –16dBm, –4dBm, AND +12dBm
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –16dBm, –3dBm, AND +13dBm
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –16dBm, –3dBm, AND +13dBm
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–55°C
–40°C
+25°C
+85°C
+125°C
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
PIN (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com