Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5903ACPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5903ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 17 of 20
Table 4. Recommended Minimum CRMS Values for Various Modulation Schemes
Modulation/Standard
Peak Envelope
Power Ratio (dB)
Carrier
Bandwidth (MHz)
CRMSMIN (nF)
Output Noise
(mV p-p)
Rise/Fall
Times (μs)
QPSK, 5 MSPS (SQR COS Filter,
 = 0.35)
4.0
5
10
140
3.5/32
QPSK ,15 MSPS (SQR COS Filter,
 = 0.35)
4.1
15
10
80
3.5/32
64 QAM, 1 MSPS (SQR COS Filter,
 = 0.35)
7.4
1
1000
60
280/2600
64 QAM, 5 MSPS (SQR COS Filter,
 = 0.35)
7.4
5
100
50
34/330
64 QAM, 13 MSPS (SQR COS Filter,
 = 0.35)
7.4
13
100
50
34/330
W-CDMA, One-Carrier, TM1-64
10.56
3.84
100
80
34/330
W-CDMA Four-Carrier, TM1-64, TM1-32, TM1-16, TM1-8
12.08
18.84
100
96
34/330
LTE, TM1, One-Carrier, 20 MHz (2048 QPSK Subcarriers)
11.58
20
100
76
34/330
Table 4 shows the recommended minimum values of CRMS for
popular modulation schemes. The output response time and
noise performance are also shown. Using lower capacitor values
results in faster response times but can result in degraded rms
measurement accuracy. If the output noise shown in Table 4 is
unacceptably high, it can be reduced by increasing CRMS or by
implementing an averaging algorithm after the output voltage of
the ADL5903 has been sampled by an analog-to-digital
converter (ADC).
The values in Table 4 were experimentally determined to be the
minimum capacitance that ensures good rms accuracy for that
particular signal type. This test was initially performed with a
large capacitance value on the CRMS pin (for example, 10 μF).
The value of VRMS was noted for a fixed input level (for example,
−10 dBm). The value of CRMS was then progressively reduced (this
can be accomplished with press-down capacitors) until the
value of VRMS started to deviate from its original value (this
indicates that the accuracy of the rms computation is degrading
and that CRMS is becoming too small).
In general, the minimum CRMS required increases as the peak-to-
average ratio of the carrier increases. The minimum required CRMS
also tends to increase as the bandwidth of the carrier decreases.
With narrow-band carriers, the noise spectrum of the VRMS
output tends to have a correspondingly narrow profile. The
relatively narrow spectral profile demands a larger value of CRMS
that reduces the low-pass corner frequency of the averaging
function and ensures a valid rms computation.
DEVICE CALIBRATION AND ERROR CALCULATION
The measured transfer function of the ADL5903 at 2.14 GHz is
shown in Figure 45, which contains plots of both output voltage
and log conformance error vs. input level for one device. As the
input level varies from −30 dBm to +14 dBm, the output voltage
varies from near 0 V to 1.9 V.
Figure 45. 2.14 GHz VRMS and Log Conformance Error at +25°C, −40°C, −55°C,
+85°C, and +125°C
Board level calibration must be performed to achieve high
accuracy because the slope and intercept vary from device to
device. For a two-point calibration, write the equation for the
idealized output voltage as
VRMS(IDEAL) = Slope × (PIN − Intercept)
(1)
where:
Slope is the change in output voltage divided by the change in
input level (dBm).
PIN is the input level.
Intercept is the calculated input level at which the output voltage
is equal to 0 V (note that Intercept is an extrapolated theoretical
value and not a measured value).
In general, calibration is performed during equipment
manufacture by applying two or more known signal levels to the
input of the ADL5903 and measuring the corresponding output
voltages. The calibration points must be within the linear
operating range of the device.
With a two-point calibration, calculate the slope and intercept
as follows:
Slope = (VRMS1 − VRMS2)/(PIN1 − PIN2)
(2)
Intercept = PIN1 − (VRMS1/Slope)
(3)
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –10dBm AND +10dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com