Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5903ACPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5903ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 9 of 20
Figure 9. Output Voltage vs. Input Level and Supply Voltage at 900 MHz
Figure 10. Output Response to RF Burst Input, Carrier Frequency = 900 MHz,
CRMS = 100 nF (see Figure 36 in the Measurement Setups Section)
Figure 11. Output Response to Gating on ENBL Pin for Various RF Input
Levels, Carrier Frequency = 900 MHz, CRMS = 100 nF (see Figure 38 in the
Measurement Setups Section)
Figure 12. Input Return Loss vs. RF Frequency
Figure 13. Output Response to RF Burst Input, Carrier Frequency = 900 MHz,
CRMS = 10 nF (see Figure 36 in the Measurement Setups Section)
Figure 14. Output Response to Gating on Power Supply for Various RF Input
Levels, Carrier Frequency = 900 MHz, CRMS = 100 nF, 5.0 V Supply
(see Figure 37, in the Measurement Setups Section))
0
0.5
1.0
1.5
2.0
2.5
–40
–30
–20
–10
0
10
20
PIN (dBm)
3.00V
3.40V
3.80V
4.00V
4.25V
4.50V
5.00V
4.00V TO 5.00V FOLLOW SAME PLOT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
TIME (ms)
RF BURST PULSE
+5dBm
0dBm
–5dBm
–15dBm
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–0.2
–0.1
0
0.1
0.2
0.3
0.4
1.5
0.6
TIME (ms)
ENABLE PULSE
+5 dBm
0 dBm
–5 dBm
–15 dBm
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
FREQUENCY (GHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
–0.2
0
0.2
0.4
0.6
0.8
TIME (ms)
+5dBm
0dBm
–5dBm
–15dBm
RF BURST PULSE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
TIME (ms)
SUPPLY VOLTAGE PULSE
+5dBm
0dBm
–5dBm
–15dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com