Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5903ACPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5903ACPZN-R7
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903ACPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5903ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5903ACPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
Signal Input. This pin is internally ac-coupled with a broadband matching network. See the RF Input Interface
section for broadband matching options.
2
GND
Device Ground. Connect GND to system ground using a low impedance path.
3
CRMS
RMS Averaging Pin. Connect a capacitor between the CREG and CRMS pins for rms averaging. See the
Choosing a Value for CRMS section for choosing the correct CRMS capacitor value.
4
CREG
Bypass Capacitor Connection for On-Chip Regulator. Bypass this pin to ground using a capacitor and a series
resistor. See Basic Connections section for more information.
5
VPOS
Supply Voltage. The operational range is 3.0 V to 5.25 V.
6
ENBL
Enable. Connect the ENBL pin to a logic high (2 V to VPOS) to enable the device. Connect the ENBL pin to a
logic low (0 V to 0.6 V) to disable the device.
7
VRMS
Signal Output. The output from the VRMS pin is proportional to the logarithm of the rms value at the input
level.
8
NIC
No Internal Connection. Do not connect to this pin. This pin is not internally connected.
0
EP
Exposed Pad. The exposed pad is internally connected to GND and requires a good thermal and electrical
connection to the ground of the printed circuit board (PCB).
3
CRMS
4
CREG
1
RFIN
2
GND
6 ENBL
5 VPOS
8NIC
7VRMS
ADL5903
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. THE EXPOSED PAD IS INTERNALLY CONNECTED TO GND
AND REQUIRES A GOOD THERMAL AND ELECTRICAL
CONNECTION TO THE GROUND OF THE PRINTED
CIRCUIT BOARD (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com