Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-2-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5301ACBZ-2-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-2-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5301ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 5 of 21
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SW PIN
High-Side Power FET On Resistance
RDS (ON) H
324
470
mΩ
Pin to pin measurement
Low-Side Power FET On Resistance
RDS (ON) L
196
320
mΩ
Pin to pin measurement
Current-Limit in PWM Mode
ILIM_PWM
800
1000
1200
mA
SYNC/MODE = high
Peak Current in Hysteresis Mode
ILIM_HYS
265
mA
SYNC/MODE = low
Minimum On Time
tMIN_ON
40
70
ns
VOUTOK PIN
Monitor Threshold
VOUTOK (RISE)
87
90
93
%
Monitor Hysteresis
VOUTOK (HYS)
3
%
Monitor Rising Delay
tVOUTOK_RISE
40
µs
Monitor Falling Delay
tVOUTOK_FALL
10
µs
Leakage Current
IVOUTOK_LEAKAGE
0.1
1
µA
Output Low Voltage
VOUTOK_LOW
50
80
mV
IVOUTOK = 100 µA
SOFT START
Default Soft Start Time
tSS
350
µs
Factory trim, 1 bit (350 µs and 2800 µs)
Start-Up Delay
tSTART_DELAY
2
ms
Delay from the EN pin being pulled high
COUT DISCHARGE SWITCH ON RESISTANCE
RDIS
290
THERMAL SHUTDOWN
Threshold
TSHDN
142
°C
Hysteresis
THYS
127
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com