Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-2-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5301ACBZ-2-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-2-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5301ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 13 of 21
1
4
2
VOUT
IL
SW
CH1
1.44V
CH2 2.00V
CH1 2.00V
M 10.0µs
A
T 40.20%
B
W
CH4 500mA
Ω
Figure 34. Output Short Protection
SYNC/
MODE
SW
CH2
1.40V
CH2 2.00V
CH1 2.00V
M 400ns
A
T 50.00%
B
W
1
2
Figure 35. Synchronized to 2.5 MHz
VOUT
IL
SW
CH1
1.44V
CH2 2.00V
CH1 2.00V
M 1.00ms A
T 40.20%
B
W
CH4 500mA
Ω
4
1
2
Figure 36. Output Short Recovery
3
1
2
EN
VOUT
SW
CH3
1.64V
CH2 2.00V
CH1 1.00V
M 4.00ms A
T 40.00%
B
W
B
W
CH3 2.00V
B
W
Figure 37. Quick Output Discharge Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com