Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-2-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5301ACBZ-2-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-2-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5301ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 9 of 21
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
VIN = 2.5V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 6.0V
Figure 10. PWM Efficiency vs. Load Current, VOUT = 1.5 V
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 6.0V
Figure 11. PWM Efficiency vs. Load Current, VOUT = 2.5 V
VIN (V)
0
20
40
60
80
100
120
140
160
2.3
2.9
3.5
4.1
4.7
5.3
5.9
6.5
–40ºC
+25ºC
+85ºC
+125ºC
Figure 12. Shutdown Current vs. VIN, EN = Low
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 6.0V
VIN = 2.5V
Figure 13. PWM Efficiency vs. Load Current, VOUT = 1.8 V
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 6.0V
Figure 14. PWM Efficiency vs. Load Current, VOUT = 3.3 V
VIN (V)
2.3
2.9
3.5
4.1
4.7
5.3
5.9
6.5
–40ºC
+25ºC
+85ºC
+125ºC
100
150
200
250
300
350
Figure 15. Hysteresis Quiescent Current vs. VIN, SYNC/MODE = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com