Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-2-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5301ACBZ-2-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-2-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5301ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 21 of 21
OUTLINE DIMENSIONS
A
B
C
0.660
0.600
0.540
1.690
1.650
1.610
1.910
1.870
1.830
1
2
3
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.360
0.320
0.280
1.00
REF
0.50
BSC
SEATING
PLANE
0.270
0.240
0.210
0.345
0.325
0.305
0.455
0.435
0.415
0.390
0.360
0.330
COPLANARITY
0.04
BALL A1
IDENTIFIER
Figure 42. 9-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-9-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5301ACBZ-1-R7
−40°C to +125°C
9-Ball WLCSP, Output Voltage Option 0 with Output Discharge
CB-9-6
ADP5301ACBZ-2-R7
−40°C to +125°C
9-Ball WLCSP, Output Voltage Option 0 Without Output Discharge
CB-9-6
ADP5301ACBZ-3-R7
−40°C to +125°C
9-Ball WLCSP, Output Voltage Option 1 with Output Discharge
CB-9-6
ADP5301-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13169-0-12/15(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com