Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5301ACBZ-2-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5301ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 17 of 21
INPUT CAPACITOR
An input capacitor is required to reduce the input voltage
ripple, input ripple current, and source impedance. Place the
input capacitor as close as possible to the PVIN pin. A low ESR
X7R or X5R capacitor is highly recommended to minimize the
input voltage ripple. Use the following equation to determine
the rms input current:
IN
OUT
IN
OUT
MAX
LOAD
RMS
V
V
V
V
I
I
)
(
)
(
For most applications, a 10 μF capacitor is sufficient. The input
capacitor can be increased without any limit for better input
voltage filtering.
EFFICIENCY
Efficiency is the ratio of output power to input power. The high
efficiency of the ADP5301 has two distinct advantages. First, only a
small amount of power is lost in the dc-to-dc converter package,
which in turn reduces thermal constraints. Second, the high
efficiency delivers the maximum output power for the given
input power, thereby extending battery life in portable
applications.
Power Switch Conduction Losses
Power switch dc conduction losses are caused by the flow of
output current through the high-side P-channel power switch
and the low-side N-channel synchronous rectifier, which have
internal resistances (RDS (ON)) associated with them. The amount
of power loss is approximated by
PSW_COND = (RDS (ON) H × D + RDS (ON) L × (1 − D)) × IOUT2
where:
IN
OUT
V
V
D =
The internal resistance of the power switches increases with
temperature and with the input voltage decrease.
Inductor Losses
Inductor conduction losses are caused by the flow of current
through the inductor, which has an internal DCR associated with
it. Larger size inductors have smaller DCR, which can decrease
inductor conduction losses. Inductor core losses relate to the
magnetic permeability of the core material. Because the ADP5301
is a high switching frequency dc-to-dc regulator, shielded ferrite
core material is recommended because of its low core losses and
low electromagnetic interference (EMI).
To estimate the total amount of power lost in the inductor, use
the following equation:
PL = DCR × IOUT2 + Core Losses
Driver Losses
Driver losses are associated with the current drawn by the driver to
turn on and turn off the power devices at the switching frequency.
Each time a power device gate is turned on and turned off, the
driver transfers a charge from the input supply to the gate, and
then from the gate to ground.
Estimate driver losses using the following equation:
PDRIVER = (CGATE_H + CGATE_L) × VIN2 × fSW
where:
CGATE_H is the gate capacitance of the internal high-side switch.
CGATE_L is the gate capacitance of the internal low-side switch.
fSW is the switching frequency in PWM mode.
The typical values for the gate capacitances are 69 pF for CGATE_H
and 31 pF for CGATE_L.
Transition Losses
Transition losses occur because the P-channel switch cannot
turn on or turn off instantaneously. In the middle of a switch
node transition, the power switch provides all of the inductor
current. The source to drain voltage of the power switch is half
of the input voltage, resulting in power loss. Transition losses
increase with both load current and input voltage and occur
twice for each switching cycle.
Use the following equation to estimate transition losses:
PTRAN = VIN/2 × IOUT × (tR + tF) × fSW
where:
tR is the rise time of the SW node.
tF is the fall time of the SW node.
The typical value for the rise and fall times, tR and tF, is 2 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com