Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5301ACBZ-2-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5301ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADP5301
Data Sheet
Rev. A | Page 10 of 21
TEMPERATURE (°C)
797
798
799
800
801
–40
+25
+85
+125
Figure 16. Feedback Voltage vs. Temperature, PWM Mode
VIN (V)
2.3
2.9
3.5
4.1
4.7
5.3
5.9
6.5
100
200
300
400
500
600
700
–40ºC
+25ºC
+125ºC
Figure 17. High-Side RDS (ON) H vs. VIN
TEMPERATURE (°C)
–40
+25
+85
+125
840
890
940
990
1040
1090
Figure 18. Peak Current Limit vs. Temperature
TEMPERATURE (°C)
–40
+25
+85
+125
792
794
796
798
800
802
804
806
808
810
ACTIVE TO STANDBY
STANDBY TO ACTIVE
Figure 19. Feedback Voltage vs. Temperature, Hysteresis Mode
VIN (V)
2.3
2.9
3.5
4.1
4.7
5.3
5.9
6.5
–40ºC
+25ºC
+125ºC
100
150
200
250
300
350
400
Figure 20. Low-Side RDS (ON)L vs. VIN
VIN (V)
2.3
2.9
3.5
4.1
4.7
5.3
5.9
6.5
800
850
900
950
1000
1050
1100
1150
1200
–40ºC
+25ºC
+125ºC
Figure 21. Peak Current Limit vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com