Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2533 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB2533
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2533 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB2533 Datasheet HTML 40Page - Microchip Technology USB2533 Datasheet HTML 41Page - Microchip Technology USB2533 Datasheet HTML 42Page - Microchip Technology USB2533 Datasheet HTML 43Page - Microchip Technology USB2533 Datasheet HTML 44Page - Microchip Technology USB2533 Datasheet HTML 45Page - Microchip Technology USB2533 Datasheet HTML 46Page - Microchip Technology USB2533 Datasheet HTML 47Page - Microchip Technology USB2533 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller
Datasheet
DS00001702A-page 44
 2014 Microchip Technology Inc.
9.5
AC Specifications
This section details the various AC timing specifications of the device.
9.5.1
Power-On Configuration Strap Valid Timing
Figure 9.2 illustrates the configuration strap timing requirements, in relation to power-on, for
applications where RESET_N is not used at power-on. The operational level (Vopp) for the external
power supply is detailed in Section 9.2, "Operating Conditions**," on page 41.
Note: For RESET_N configuration strap timing requirements, refer to Section 9.5.2, "Reset and
Configuration Strap Timing," on page 45.
Figure 9.2 Power-On Configuration Strap Valid Timing
Table 9.4 Power-On Configuration Strap Valid Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcsh
Configuration strap hold after external power supply at
operational level
1ms
External Power
Supply
Vopp
Configuration
Straps
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com