Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2533 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2533
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2533 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2533 Datasheet HTML 14Page - Microchip Technology USB2533 Datasheet HTML 15Page - Microchip Technology USB2533 Datasheet HTML 16Page - Microchip Technology USB2533 Datasheet HTML 17Page - Microchip Technology USB2533 Datasheet HTML 18Page - Microchip Technology USB2533 Datasheet HTML 19Page - Microchip Technology USB2533 Datasheet HTML 20Page - Microchip Technology USB2533 Datasheet HTML 21Page - Microchip Technology USB2533 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller
Datasheet
DS00001702A-page 18
 2014 Microchip Technology Inc.
Note 3.2
The LOCAL_PWR pin is sampled during the configuration state, immediately after negation
of reset, to determine whether the device is bus-powered or self-powered. When
configuration is complete, the latched value will not change until the next reset assertion.
To enable dynamic local power switching, the DYNAMIC_POWER register at location
0x4134 must be programmed with 0x41. If dynamic power switching is not required, the
DYNAMIC_POWER register should be left at the default value of 0xC1. Programming may
1
Port 3 Power
Output
PRTPWR3
O8
Enables power to a downstream USB device
attached to Port 3.
0 = Power disabled on downstream Port 3
1 = Power enabled on downstream Port 3
Port 3 Control
PRTCTL3
OD8/IS
(PU)
When configured as PRTCTL3, this pin functions
as both the Port 3 power enable output
(PRTPWR3) and the Port 3 over-current sense
input (OCS3_N). Refer to the PRTPWR3 and
OCS3_N descriptions for additional information.
Port 3 Battery
Charging
Configuration
Strap
BC_EN3
IS
This strap is used to indicate support of the
battery charging protocol on Port 3. Enabling
battery charging support allows a device on the
port to draw currents per the USB battery
charging specification.
0 = Battery charging is not supported on Port 3
1 = Battery charging is supported on Port 3
See Note 3.4 for more information on
configuration straps.
5
No Connect
NC
-
These pins must be left floating for normal device
operation.
POWER
3
+3.3V Analog
Power Supply
VDDA33
P
+3.3V analog power supply. Refer to Chapter 4,
"Power Connections," on page 21 for power
connection information.
2
+3.3V Power
Supply
VDD33
P
+3.3V power supply. These pins must be
connected to VDDA33. Refer to Chapter 4,
"Power Connections," on page 21 for power
connection information.
1
+1.2V Core
Power Supply
VDDCR12
P
+1.2V core power supply. A 1.0
μF (<1
Ω ESR)
capacitor to ground is required for regulator
stability. The capacitor should be placed as close
as possible to the device. Refer to Chapter 4,
"Power Connections," on page 21 for power
connection information.
Exposed
Pad on
package
bottom
(Figure 3.1)
Ground
VSS
P
Common ground. This exposed pad must be
connected to the ground plane with a via array.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com