Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2533 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB2533
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2533 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB2533 Datasheet HTML 15Page - Microchip Technology USB2533 Datasheet HTML 16Page - Microchip Technology USB2533 Datasheet HTML 17Page - Microchip Technology USB2533 Datasheet HTML 18Page - Microchip Technology USB2533 Datasheet HTML 19Page - Microchip Technology USB2533 Datasheet HTML 20Page - Microchip Technology USB2533 Datasheet HTML 21Page - Microchip Technology USB2533 Datasheet HTML 22Page - Microchip Technology USB2533 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001702A-page 19
be performed through the SMBus interface, or permanently via OTP. Refer to the Protouch
MPT User Manual for additional information.
Note 3.3
If using the local power detect function (LOCAL_PWR pin), the NON_REM[1:0]
configuration straps cannot be used to configure the non-removable state of the USB ports.
In this case, the non-removable state of the ports must be configured in internal device
registers via the Protouch tool or SMBus.
Note 3.4
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of
RESET_N (external chip reset). Configuration straps are identified by an underlined
symbol name. Signals that function as configuration straps must be augmented with an
external resistor when connected to a load. Refer to Section 6.3, "Device Configuration
Straps," on page 28 for additional information.
3.2
Pin Assignments
Table 3.2 36-SQFN Package Pin Assignments
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
1
SWAP_USBDN1_DM/PRT_DIS_M1
19
UART_RX/OCS3_N
2
SWAP_USBDN1_DP/PRT_DIS_P1
20
NC
3
USBDN2_DM/PRT_DIS_M2
21
UART_TX/
4
USBDN2_DP/PRT_DIS_P2
22
SDA/SMBDATA/NON_REM1
5
NC
23
VDD33
6
USBDN3_DM/PRT_DIS_M3
24
SCL/SMBCLK/CFG_SEL0
7
USBDN3_DP/PRT_DIS_P3
25
HS_IND/CFG_SEL1
8
NC
26
RESET_N
9
NC
27
VBUS_DET
10
VDDA33
28
SUSP_IND/LOCAL_PWR/NON_REM0
11
LED0
29
VDDA33
12
PRTPWR1/PRTCTL1/BC_EN1
30
FLEX_USBUP_DM
13
OCS1_N
31
FLEX_USBUP_DP
14
VDDCR12
32
XTAL2
15
VDD33
33
XTAL1/REFCLK
16
PRTPWR2/PRTCTL2/BC_EN2
34
NC
17
OCS2_N
35
RBIAS
18
PRTPWR3/PRTCTL3/BC_EN3
36
VDDA33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com