Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2533 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB2533
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2533 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB2533 Datasheet HTML 42Page - Microchip Technology USB2533 Datasheet HTML 43Page - Microchip Technology USB2533 Datasheet HTML 44Page - Microchip Technology USB2533 Datasheet HTML 45Page - Microchip Technology USB2533 Datasheet HTML 46Page - Microchip Technology USB2533 Datasheet HTML 47Page - Microchip Technology USB2533 Datasheet HTML 48Page - Microchip Technology USB2533 Datasheet HTML 49Page - Microchip Technology USB2533 Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller
Datasheet
DS00001702A-page 46
 2014 Microchip Technology Inc.
9.6
Clock Specifications
The device can accept either a 24 MHz crystal or a 24 MHz single-ended clock oscillator input. If the
single-ended clock oscillator method is implemented, XTAL1 should be left unconnected and REFCLK
should be driven with a clock that adheres to the specifications outlined in Section 9.6.2, "External
Reference Clock (REFCLK)".
9.6.1
Oscillator/Crystal
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal
input/output signals (XTAL1I/XTAL2). See Table 9.6 for the recommended crystal specifications.
Note 9.6
0oC for commercial version, -40oC for industrial version.
Note 9.7
+70oC for commercial version, +85oC for industrial version.
9.6.2
External Reference Clock (REFCLK)
The following input clock specifications are suggested:
24 MHz
± 350 PPM
Note: The external clock is recommended to conform to the signalling levels designated in the
JEDEC specification on 1.2V CMOS Logic. XTAL2 should be treated as a no connect when an
external clock is supplied.
Table 9.6 Crystal Specifications
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
24.000
-
MHz
Total Allowable PPM Budget
-
-
+/-350
PPM
Operating Temperature Range
Note 9.6
-
Note 9.7
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com