Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2533 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2533
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2533 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2533 Datasheet HTML 11Page - Microchip Technology USB2533 Datasheet HTML 12Page - Microchip Technology USB2533 Datasheet HTML 13Page - Microchip Technology USB2533 Datasheet HTML 14Page - Microchip Technology USB2533 Datasheet HTML 15Page - Microchip Technology USB2533 Datasheet HTML 16Page - Microchip Technology USB2533 Datasheet HTML 17Page - Microchip Technology USB2533 Datasheet HTML 18Page - Microchip Technology USB2533 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001702A-page 15
1
External USB
Transceiver
Bias Resistor
RBIAS
AI
A 12.0k
Ω (+/- 1%) resistor is attached from
ground to this pin to set the transceiver’s internal
bias settings.
1
LED 0 Output
LED0
O8
General purpose LED 0 output that is
configurable to blink or “breathe” at various rates.
Note:
LED0 must be enabled via the Protouch
configuration tool.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS
Detects state of upstream bus power.
When designing a detachable hub, this pin must
be connected to the VBUS power pin of the
upstream USB port through a resistor divider
(50k
Ω by 100kΩ) to provide 3.3V.
For self-powered applications with a permanently
attached host, this pin must be connected to
either 3.3V or 5.0V through a resistor divider to
provide 3.3V.
In embedded applications, VBUS_DET may be
controlled (toggled) when the host desires to
renegotiate a connection without requiring a full
reset of the device.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com