Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2533 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB2533
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2533 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB2533 Datasheet HTML 13Page - Microchip Technology USB2533 Datasheet HTML 14Page - Microchip Technology USB2533 Datasheet HTML 15Page - Microchip Technology USB2533 Datasheet HTML 16Page - Microchip Technology USB2533 Datasheet HTML 17Page - Microchip Technology USB2533 Datasheet HTML 18Page - Microchip Technology USB2533 Datasheet HTML 19Page - Microchip Technology USB2533 Datasheet HTML 20Page - Microchip Technology USB2533 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001702A-page 17
1
Port 1 Power
Output
PRTPWR1
O8
Enables power to a downstream USB device
attached to Port 1.
0 = Power disabled on downstream Port 1
1 = Power enabled on downstream Port 1
Port 1 Control
PRTCTL1
OD8/IS
(PU)
When configured as PRTCTL1, this pin functions
as both the Port 1 power enable output
(PRTPWR1) and the Port 1 over-current sense
input (OCS1_N). Refer to the PRTPWR1 and
OCS1_N descriptions for additional information.
Port 1 Battery
Charging
Configuration
Strap
BC_EN1
IS
This strap is used to indicate support of the
battery charging protocol on Port 1. Enabling
battery charging support allows a device on the
port to draw currents per the USB battery
charging specification.
0 = Battery charging is not supported on Port 1
1 = Battery charging is supported on Port 1
See Note 3.4 for more information on
configuration straps.
1
Port 2 Power
Output
PRTPWR2
O8
Enables power to a downstream USB device
attached to Port 2.
0 = Power disabled on downstream Port 2
1 = Power enabled on downstream Port 2
Port 2 Control
PRTCTL2
OD8/IS
(PU)
When configured as PRTCTL2, this pin functions
as both the Port 2 power enable output
(PRTPWR2) and the Port 2 over-current sense
input (OCS2_N). Refer to the PRTPWR2 and
OCS2_N descriptions for additional information.
Port 2 Battery
Charging
Configuration
Strap
BC_EN2
IS
This strap is used to indicate support of the
battery charging protocol on Port 2. Enabling
battery charging support allows a device on the
port to draw currents per the USB battery
charging specification.
0 = Battery charging is not supported on Port 2
1 = Battery charging is supported on Port 2
See Note 3.4 for more information on
configuration straps.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com