Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HVLED002
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HVLED002 Datasheet HTML 2Page - STMicroelectronics HVLED002 Datasheet HTML 3Page - STMicroelectronics HVLED002 Datasheet HTML 4Page - STMicroelectronics HVLED002 Datasheet HTML 5Page - STMicroelectronics HVLED002 Datasheet HTML 6Page - STMicroelectronics HVLED002 Datasheet HTML 7Page - STMicroelectronics HVLED002 Datasheet HTML 8Page - STMicroelectronics HVLED002 Datasheet HTML 9Page - STMicroelectronics HVLED002 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
HVLED002
6/19
DocID028720 Rev 1
4
Electrical characteristics
Unless otherwise stated, these specifications apply for 0 ≤ Tamb ≤ 85 °C; Vi = 15 V;
RT = 10 K; CT = 3.3 nF(a).
a. Max. package power dissipation limits must be respected; low duty cycle pulse techniques are used during the test
maintaining TJ as close to Tamb as possible.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
Vi
Max. operative volt.
25
V
REFERENCE SECTION
VREF
Output voltage
TJ = 25 °C, Io = 1 mA
4.95
5.00
5.05
V
VREF
Line regulation
12 V ≤ Vi ≤ 25 V
2
20
mV
VREF
Load regulation
1 ≤ Io ≤ 20 mA
3
25
mV
VREF/T Temperature stability
(1)
0.2
mV/°C
Total output variation
Line, load, temperature
4.82
5.18
V
eN
Output noise voltage
10 Hz ≤ f ≤ 10 KHz, Tj = 25 °C(1)
50
µV
Long term stability
Tamb = 125 °C, 1000 hrs(1)
525
mV
ISC
Output short-circuit
-30
-100
-180
mA
OSCILLATOR SECTION
fOSC
Frequency
TJ = 25 °C
TA = 0 to 85 °C
TJ = 25 °C (RT = 6.2 k, CT = 1 nF)
49
48
225
52
-
250
55
56
275
KHz
fOSC/V Frequency change with volt.
VCC = 12 V to 25 V
-
0.2
1
%
fOSC/T Frequency change with temp.
Tamb = 0 °C to 85 °C
-
0.5
-
%
VOSC
Oscillator voltage swing
Peak-to-peak
-
1.6
-
V
Idischg
Discharge current (VOSC = 2 V) TJ = 25 °C
7.8
8.3
8.8
mA
TA = 0°C to 85°C
7.6
-
8.8
mA
ERROR AMPLIFIER SECTION
VREF,EA Input voltage
V(COMP) = 2.5 V
2.42
2.50
2.58
V
Ib
Input bias current
VFB = 5 V
-0.1
-2
µA
AVOL
2 V ≤ Vo ≤ 4 V
65
90
dB
BW
Unity gain bandwidth
TJ = 25 °C(1)
0.7
1
MHz
PSRR
Power supply reject. ratio
12 V ≤ Vi ≤ 25 V
60
70
dB
Io
Output sink current
V(VFB) = 2.7 V, V(COMP) = 1.1 V
2
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com