Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HVLED002
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002 Datasheet(HTML) 5 Page - STMicroelectronics

  HVLED002 Datasheet HTML 1Page - STMicroelectronics HVLED002 Datasheet HTML 2Page - STMicroelectronics HVLED002 Datasheet HTML 3Page - STMicroelectronics HVLED002 Datasheet HTML 4Page - STMicroelectronics HVLED002 Datasheet HTML 5Page - STMicroelectronics HVLED002 Datasheet HTML 6Page - STMicroelectronics HVLED002 Datasheet HTML 7Page - STMicroelectronics HVLED002 Datasheet HTML 8Page - STMicroelectronics HVLED002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID028720 Rev 1
5/19
HVLED002
Pin connection and functions
19
2
Pin connection and functions
Figure 2. Pin connection (top view)
3
Thermal data
Table 3. Pin functions
No. Function
Description
1
COMP
This pin is the error amplifier output and is made available for loop compensation.
2VFB
This is the inverting input of the error amplifier. It is normally connected to the
switching power supply output through a resistor divider.
3ISENSE
A voltage proportional to the inductor current is connected to this input. The PWM
uses this information to terminate the output switch conduction.
4RT/CT
The oscillator frequency and maximum output duty cycle are programmed by the
connecting resistor RT to VREF and the capacitor CT to ground. An operation to
500 kHz is possible.
5
GROUND This pin is the ground reference of the device.
6OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1 A
are sourced and sunk by this pin.
7Vi
This pin is the positive supply of the control IC.
8VREF
This is the reference output. It provides the charging current for the capacitor CT
through the resistor RT.
Table 4. Thermal data
Symbol
Description
SO8
Unit
Rth j-amb
Thermal resistance junction ambient
150
°C/W
Tstg
Storage temperature range
-65 to 150
°C
TJ
Junction operating temperature
-40 to 150
°C
TL
Lead temperature (soldering 10 s)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com