Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HVLED002
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HVLED002 Datasheet HTML 4Page - STMicroelectronics HVLED002 Datasheet HTML 5Page - STMicroelectronics HVLED002 Datasheet HTML 6Page - STMicroelectronics HVLED002 Datasheet HTML 7Page - STMicroelectronics HVLED002 Datasheet HTML 8Page - STMicroelectronics HVLED002 Datasheet HTML 9Page - STMicroelectronics HVLED002 Datasheet HTML 10Page - STMicroelectronics HVLED002 Datasheet HTML 11Page - STMicroelectronics HVLED002 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
HVLED002
8/19
DocID028720 Rev 1
Figure 3. Open loop test circuit
High peak currents associated with capacitive loads necessitate careful grounding
techniques. Timing and bypass capacitors should be connected close to the pin 5 in a single
point ground. The transistor and 5 K
 potentiometer are used to sample the oscillator
waveform and apply an adjustable ramp to the pin 3.
RT
A
2N2222
ERROR AMP.
ADJUST
ISENSE
ADJUST
COMP
VFB
ISENSE
RT/CT
1
2
3
4
CT
7
6
5
8
VREF
Vi
OUTPUT
GROUND
0.1 μF
0.1 μF
VREF
Vi
OUTPUT
GROUND
1W
HVLED002
AM039820
Figure 4. Timing resistor vs. oscillator
frequency
Figure 5. Output deadtime vs. oscillator
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com