Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002 Datasheet(PDF) 14 Page - STMicroelectronics

Part # HVLED002
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button HVLED002 Datasheet HTML 10Page - STMicroelectronics HVLED002 Datasheet HTML 11Page - STMicroelectronics HVLED002 Datasheet HTML 12Page - STMicroelectronics HVLED002 Datasheet HTML 13Page - STMicroelectronics HVLED002 Datasheet HTML 14Page - STMicroelectronics HVLED002 Datasheet HTML 15Page - STMicroelectronics HVLED002 Datasheet HTML 16Page - STMicroelectronics HVLED002 Datasheet HTML 17Page - STMicroelectronics HVLED002 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application information
HVLED002
14/19
DocID028720 Rev 1
5.5
Error amplifier
An error amplifier (E/A) structure is present in the HVLED002 (Figure 15 on page 10). The
non-inverting input is internally connected to a very precise reference voltage (2.5 V ± 2%).
The E/A output and inverting pin are connected respectively to the pin 1 and 2, available for
external compensation. The E/A output will source at least 0.5 mA and sink 2 mA. Figure 8
on page 9 shows the open loop frequency response of the E/A.
The output of the error amplifier can be forced to ground in different ways to shut down the
application as shown in Figure 22.
Figure 22. Shutdown circuitries
5.6
Totem pole output
The HVLED002 has a single totem pole output which can be operated to the ± 1 Amp peak
current for driving MOSFET gates, and a + 200 mA average current for bipolar power
transistors.
Cross conduction between the driver's output transistors is minimal, the average added
power with VIN = 30 V is around 80 mW at 200 kHz.
Limiting the peak current through the IC is accomplished by placing a resistor between the
totem pole output and the gate of the MOSFET. Without this resistor, the peak current is
limited only by the dV/dT rate of the totem pole switching and the FET gate capacitance.
An additional discharging diode can be put in parallel with the said limiting resistor to quickly
turn off the MOSFET, reducing the switching losses and the control to output delay.
BIAS
+
-
EA
R
+
OSC
2N
3905
2N
3903
1 mA
R
R
2R
1
2
8
4
The SCR must be selected for a holding current of less than 0.5 mA at TA(min).
5
AM039818
The simple two-transistor circuit can be used in place of the SCR as shown. All resistors are 10 K .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com