Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002 Datasheet(PDF) 17 Page - STMicroelectronics

Part # HVLED002
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HVLED002 Datasheet HTML 11Page - STMicroelectronics HVLED002 Datasheet HTML 12Page - STMicroelectronics HVLED002 Datasheet HTML 13Page - STMicroelectronics HVLED002 Datasheet HTML 14Page - STMicroelectronics HVLED002 Datasheet HTML 15Page - STMicroelectronics HVLED002 Datasheet HTML 16Page - STMicroelectronics HVLED002 Datasheet HTML 17Page - STMicroelectronics HVLED002 Datasheet HTML 18Page - STMicroelectronics HVLED002 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DocID028720 Rev 1
17/19
HVLED002
Package information
19
Table 6. SO-8 package mechanical data
Symbol
Dimensions (mm)
Dimensions (inch)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.750
0.0689
A1
0.100
0.250
0.0039
0.0098
A2
1.250
0.0492
b
0.280
0.480
0.0110
0.0189
c
0.170
0.230
0.0067
0.0091
D(1)
1. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold Flash, protrusions or gate burrs
shall not exceed 0.15 mm in total (both sides).
4.800
4.900
5.000
0.1890
0.1929
0.1969
E
5.800
6.000
6.200
0.2283
0.2362
0.2441
E1(2)
2. Dimension “E1” does not include interlead Flash or protrusions. Interlead Flash or protrusions shall not
exceed 0.25 mm per side.
3.800
3.900
4.000
0.1496
0.1535
0.1575
e
1.270
0.0500
h
0.250
0.500
0.0098
0.0197
L
0.400
1.270
0.0157
0.0500
L1
1.040
0.0409
k
0°8°
0°8°
ccc
0.10
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com