Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED002 Datasheet(PDF) 13 Page - STMicroelectronics

Part # HVLED002
Description  High performance current mode LED controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED002 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HVLED002 Datasheet HTML 9Page - STMicroelectronics HVLED002 Datasheet HTML 10Page - STMicroelectronics HVLED002 Datasheet HTML 11Page - STMicroelectronics HVLED002 Datasheet HTML 12Page - STMicroelectronics HVLED002 Datasheet HTML 13Page - STMicroelectronics HVLED002 Datasheet HTML 14Page - STMicroelectronics HVLED002 Datasheet HTML 15Page - STMicroelectronics HVLED002 Datasheet HTML 16Page - STMicroelectronics HVLED002 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID028720 Rev 1
13/19
HVLED002
Application information
19
Connecting the RT to a variable voltage, dependency of the operating frequency on said
voltage is introduced. A pull-down switch can be used to reset the CT during the MOSFET's
on time, for example to operate in fixed off time. A synchronous operation is also possible
using circuitries like the one proposed as an example in Figure 19. The HVLED002
oscillator can be used to a maximum of 500 kHz.
5.4
Current sense
The peak current mode operation of the HVLED002 is made by the embedded current
sense comparator: the said element turns off the MOSFET as soon as the current sense
input voltage is greater than the internal threshold derived by the COMP pin voltage
(Figure 17).
The current sense pin (ISENSE) is normally connected to a shunt resistor, put in series with
the main switch, but different connections are also possible.
Under the normal operation the threshold voltage (VCS) is controlled by the E/A according
to the following relation:
Equation 2
VCS = 1/3 * (VCOMP - 1.4 V)
VCS is upper limited to MAXCS to reduce the shunt resistor power dissipation without the
need of current transformers or offsets circuitries. This parameter is beneficial in those
applications where both the peak current accuracy and the operating power dissipation are
critical aspects (e.g.: LED secondary side LED current regulators).
When the sensing current resistor is in series with the power switch, the current waveform
will often have a large spike at its leading edge due to parasitic capacitances and gate driver
charging currents. A very simple leading edge blanking (LEB) circuit consists on an RC filter,
but more effective active circuitries are also possible.
Figure 21. Leading edge blanking circuitries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com