Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160H Datasheet(PDF) 7 Page - STMicroelectronics

Part # IPS160H
Description  Single high-side switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button IPS160H Datasheet HTML 3Page - STMicroelectronics IPS160H Datasheet HTML 4Page - STMicroelectronics IPS160H Datasheet HTML 5Page - STMicroelectronics IPS160H Datasheet HTML 6Page - STMicroelectronics IPS160H Datasheet HTML 7Page - STMicroelectronics IPS160H Datasheet HTML 8Page - STMicroelectronics IPS160H Datasheet HTML 9Page - STMicroelectronics IPS160H Datasheet HTML 10Page - STMicroelectronics IPS160H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
IPS160H
Pin description
DocID027563 Rev 2
7/26
2.3
DIAG
This pin is used for diagnostic purpose and it is internally wired to an open drain transistor.
The open drain transistor is turned on in case of junction thermal shutdown, cut-off, or open
load in off-state.
2.4
CoD
This pin cannot be left floating and can be used to program the cut-off delay time tcoff,
seeTable 9: "Protection and diagnostic" through an external capacitor (CCoD). The cut-off
function can be completely disabled connecting the CoD pin to GND through 1 kΩ resistor:
in this condition the output channel remains on in limitation condition, supplying the current
to the load until the input is forced LOW or the thermal shutdown threshold is triggered or
tcoff time elapses.
2.5
GND
IC ground.
2.6
VCC
IC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com