Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160H Datasheet(PDF) 1 Page - STMicroelectronics

Part # IPS160H
Description  Single high-side switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160H Datasheet(HTML) 1 Page - STMicroelectronics

  IPS160H Datasheet HTML 1Page - STMicroelectronics IPS160H Datasheet HTML 2Page - STMicroelectronics IPS160H Datasheet HTML 3Page - STMicroelectronics IPS160H Datasheet HTML 4Page - STMicroelectronics IPS160H Datasheet HTML 5Page - STMicroelectronics IPS160H Datasheet HTML 6Page - STMicroelectronics IPS160H Datasheet HTML 7Page - STMicroelectronics IPS160H Datasheet HTML 8Page - STMicroelectronics IPS160H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
November 2015
DocID027563 Rev 2
1/26
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
IPS160H
Single high-side switch
Datasheet - preliminary data
Features
RDS(on)
IOUT
VCC
0.060 Ω
2.5 A
65 V
8 V to 60 V operating voltage range
Minimum output current limitation: 2.6 A
Non-dissipative short-circuit protection (cut-
off)
Programmable cut-off delay time using
external capacitor
Diagnostic signalization for: open load in off-
state, cut-off and junction thermal shutdown
Fast demagnetization of inductive load
Ground disconnection protection
VCC disconnection protection
Undervoltage lock-out
Designed to meet IEC 61131-2
PSSO12 package
Applications
Programmable logic control
Industrial PC peripheral input/output
Numerical control machines
SIL applications
Description
The IPS160H is a monolithic device which can
drive capacitive, resistive or inductive loads with
one side connected to ground; it is specifically
designed to match safety integrity level (SIL)
applications.
Built-in thermal shutdown protects the chip
against overtemperature and short-circuit. In
order to minimize the power dissipation when the
output is shorted, a non-dissipative short-circuit
protection (cut-off) is implemented, it limits both
the output average current value and,
consequently, the device overheating. The DIAG
common diagnostic pin reports the thermal
shutdown, open load in off-state and cut-off.
Cut-off delay time can be programmed by an
external capacitor.
Table 1: Device summary
Order code
Package
Packing
IPS160H
PowerSSO12
Tube
IPS160HTR
PowerSSO12
Tape and reel
PowerSSO12


Similar Part No. - IPS160H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
IPS160HFTR STMICROELECTRONICS-IPS160HFTR Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
More results

Similar Description - IPS160H

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
Single High-Side Power Switch
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
High-Side Switch
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
SINGLE Pch HIGH-SIDE SWITCH FOR USB
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
Single High Side Switch
MC33981 FREESCALE-MC33981_10 Datasheet
3Mb / 40P
Single High Side Switch
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
New Japan Radio
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
Single Low Side Switch
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
Single High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com