Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160H Datasheet(PDF) 8 Page - STMicroelectronics

Part # IPS160H
Description  Single high-side switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IPS160H Datasheet HTML 4Page - STMicroelectronics IPS160H Datasheet HTML 5Page - STMicroelectronics IPS160H Datasheet HTML 6Page - STMicroelectronics IPS160H Datasheet HTML 7Page - STMicroelectronics IPS160H Datasheet HTML 8Page - STMicroelectronics IPS160H Datasheet HTML 9Page - STMicroelectronics IPS160H Datasheet HTML 10Page - STMicroelectronics IPS160H Datasheet HTML 11Page - STMicroelectronics IPS160H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Absolute maximum ratings
IPS160H
8/26
DocID027563 Rev 2
3
Absolute maximum ratings
Table 3: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 65
V
VOUT
Output channel voltage
Vcc-Vclamp to Vcc+0.3
V
IIN
Input current
-10 to +10
mA
VIN
IN voltage
VCC
V
VCOD
Output cut-off voltage pin
5.5
V
ICOD
Input current on cut-off pin
-1 to +10
mA
VDIAG
Fault voltage
VCC
V
IDIAG
Fault current
-5 to +10
mA
ICC(1)
Maximum DC reverse current flowing
through the IC from GND to VCC
-250
mA
IOUT
Output stage current
Internally limited
A
-IOUT(1)
Maximum DC reverse current flowing
through the IC from OUT to VCC
5
EAS(1)
Single pulse avalanche energy
(TAMB = 125 °C, VCC = 24 V, lload = 1.15 H
load = 24 Ohm)
800
mJ
PTOT
Power dissipation at TC = 25 °C(2)
Internally limited
W
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction temperature
-40 to 150
Notes:
(1)Verifyed on application board with Rth(ja) = 49 °C/W
(2)TJSD(MAX)-TC)/ Rth(JA)
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All voltages
are referenced to GND.
Table 4: Thermal data
Symbol
Parameter
Value
Unit
Rth(JC)
Thermal resistance junction-case
1
°C/W
Rth(JA)
Thermal resistance junction-ambient
49
Package mounted on a 2-layer application board with Cu thickn
ess = 35 μm, total
dissipation area = 1.5 cm2 connected by 6 vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com