Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS160H Datasheet(PDF) 19 Page - STMicroelectronics

Part # IPS160H
Description  Single high-side switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160H Datasheet(HTML) 19 Page - STMicroelectronics

Back Button IPS160H Datasheet HTML 15Page - STMicroelectronics IPS160H Datasheet HTML 16Page - STMicroelectronics IPS160H Datasheet HTML 17Page - STMicroelectronics IPS160H Datasheet HTML 18Page - STMicroelectronics IPS160H Datasheet HTML 19Page - STMicroelectronics IPS160H Datasheet HTML 20Page - STMicroelectronics IPS160H Datasheet HTML 21Page - STMicroelectronics IPS160H Datasheet HTML 22Page - STMicroelectronics IPS160H Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
IPS160H
Active clamp
DocID027563 Rev 2
19/26
Figure 10: Fast demag waveforms
The demagnetization of inductive load causes a huge electrical and thermal stress to the
IC. The curve plotted below shows the maximum demagnetization energy that the IC can
support in a single demagnetization pulse with VCC = 24 V and TAMB = 125 °C. If higher
demagnetization energy is required then an external free-wheeling Schottky diode has to
be connected between OUT (cathode) and GND (anode) pins. Note that in this case the
fast demagnetization is inhibited.
I
LOAD
tDEMAG
I
OUT
V
IN
t
tON
V
OUT
V
CC
V
CC-VDEMAG
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com